Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 57Page - PMC-Sierra, Inc PM7344 Datasheet HTML 58Page - PMC-Sierra, Inc PM7344 Datasheet HTML 59Page - PMC-Sierra, Inc PM7344 Datasheet HTML 60Page - PMC-Sierra, Inc PM7344 Datasheet HTML 61Page - PMC-Sierra, Inc PM7344 Datasheet HTML 62Page - PMC-Sierra, Inc PM7344 Datasheet HTML 63Page - PMC-Sierra, Inc PM7344 Datasheet HTML 64Page - PMC-Sierra, Inc PM7344 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
condition has been absent for 16.6 sec (± 500 ms). The presence of AIS CFA is
declared when an out-of-frame condition and all-ones in the data stream have
been present for 1.5 sec (±100 ms); the AIS CFA is removed when the AIS
condition has been absent for 16.8 sec (±500 ms).
For E1 formats, the ALMI block declares the presence of red CFA when an out-
of-frame condition has been present for 104 ms (±6 ms); the red CFA is removed
when the out-of-frame condition has been absent for 104 ms (±6 ms). The
presence of AIS CFA is declared when an out-of-frame condition and all-ones in
the data stream have been present for 104 ms (±6 ms); the AIS CFA is removed
when the AIS condition has been absent for 104 ms (±6 ms).
CFA alarm detection algorithms operate in the presence of a random 10-3 bit
error rate.
The ALMI also indicates the presence or absence of the T1 yellow, red, and AIS
alarm signal conditions over 40 ms, 40ms, and 60 ms intervals, respectively,
allowing an external microprocessor to integrate the alarm conditions via
software with any user-specific algorithms. Alarm indication is provided through
internal register bits.
9.5
T1 Inband Loopback Code Detector (IBCD)
The T1 Inband Loopback Code Detection function is provided by the IBCD block.
This block detects the presence of either of two programmable loopback code
sequences, ACTIVATE and DEACTIVATE, in either framed or unframed T1 data
streams. The inband code sequences are expected to be overwritten by the
framing bit in framed data streams. Each code sequence is defined as the
repetition of the programmed code in the PCM stream for at least 5.1 seconds.
The code sequence detection and timing is compatible with the specifications
defined in T1.403, TA-TSY-000312, and TR-TSY-000303. ACTIVATE and
DEACTIVATE code indication is provided through internal register bits. An
interrupt is generated to indicate when either code status has changed.
9.6
Performance Monitor Counters (PMON)
The Performance Monitor Counters function is provided by the PMON block. For
a T1 data stream, the PMON accumulates CRC-6 error events, frame
synchronization bit error events, line code violation events, and loss of frame
events, or optionally, change of frame alignment (COFA) events with saturating
counters over consecutive intervals as defined by the period of the supplied
transfer clock signal (typically 1 second).
For an E1 data stream, the PMON accumulates CRC-4 error events, frame
synchronization bit error events, line code violation events, and far end block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com