Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 64Page - PMC-Sierra, Inc PM7344 Datasheet HTML 65Page - PMC-Sierra, Inc PM7344 Datasheet HTML 66Page - PMC-Sierra, Inc PM7344 Datasheet HTML 67Page - PMC-Sierra, Inc PM7344 Datasheet HTML 68Page - PMC-Sierra, Inc PM7344 Datasheet HTML 69Page - PMC-Sierra, Inc PM7344 Datasheet HTML 70Page - PMC-Sierra, Inc PM7344 Datasheet HTML 71Page - PMC-Sierra, Inc PM7344 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
52
Figure 10
- E1 Jitter Tolerance
100
10
1.0
0.1
1
10
100
1k
10k
Jitter Frequency, Hz
Jitter
Amplitude,
UI pp
0.01
100k
35
acceptable
ITU G.823
unacceptable
Region
0.2
DJAT
minimum
tolerance
1.5
20
2.4 k
1 8k
40
The accuracy of the XCLK frequency and that of the DJAT PLL reference input
clock used to generate the jitter-free TCLKO have an effect on the minimum jitter
tolerance. For T1 interfaces, the DJAT PLL reference clock accuracy can be
±200 Hz from 1.544 MHz, and the XCLK input accuracy can be ±100 ppm from
37.056 MHz. For E1 interfaces, the PLL reference clock accuracy can be ± 103
Hz from 2.048 MHz, and the XCLK input accuracy can be ±100 ppm from 49.152
MHz. The minimum jitter tolerance for various differences between the
frequency of PLL reference clock and XCLK/24 are shown in Figure 11 and
Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com