Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT90221 Datasheet (PDF) - Mitel Networks Corporation

MT90221 Datasheet PDF - Mitel Networks Corporation
Part # MT90221
Download  MT90221 Download
File Size   304.97 Kbytes
Page   114 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quad IMA/UNI PHY Device

MT90221 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90221 Datasheet PDF - Mitel Networks Corporation

Part # MT90221
Download  MT90221 Click to download

File Size   304.97 Kbytes
Page   114 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quad IMA/UNI PHY Device

MT90221 Datasheet (HTML) - Mitel Networks Corporation


MT90221 Product details

Description
The MT90221 device is targeted to systems implementing the ATM FORUM UNI specifications for T1/E1 rates or Inverse Multiplexing for ATM (IMA). In the MT90221 architecture, up to 4 physical and independent T1/E1 streams can be terminated through the utilization of off-the-shelf, traditional T1/E1 framers and LIUs. This allows ATM designers to leverage previous T1/E1 design experience, hardware and software implementation, and to select the best T1/E1 framer for the required application.

Features
• Cost effective, single chip, 4-port ATM IMA and UNI processor
• Up to 4 IMA groups over 4 T1/E1 links can be implemented
• Supports MIXED mode; links not assigned to an IMA group can be used in UNI mode
• Versatile PCM Interface to most popular T1 or E1 framers, reducing development time
• Supports Symmetrical and Asymmetrical Operation
• Supports both Common Transmit Clock (CTC) and Independent Transmit Clock (ITC) clocking modes
• Supports T1 ISDN lines
• Provides UTOPIA Level 2 MPHY Interface (MT90221 device slaved to ATM device)
• Complies with ITU G.804 recommendations for performing cell mapping into T1 and E1 transmission systems
• Provides ATM framing using cell delineation according to the ITU I.432 cell delineation process
• Provides Header Error Control (HEC) verification and generation, error detection, Filler cell filtering (IMA mode) and Idle/ Unassigned cell filtering (UNI mode)
• Provides statistics to support MIB
• Connects to popular asychronous SRAM
• Provides statistics on the number of HEC errors
• 8 bit Microprocessor Interface, compatible with Intel and Motorola
• 3.3V operation / 5V tolerant inputs
• MQFP-208 pin
• JTAG Test support

Applications
• Cost effective single chip solution to implement IMA and UNI links over T1 or E1 in all public or private UNI, NNI and B-ICI applications
• ATM Edge switch IMA and UNI Line Card Design
• Can be used for cost reduction in current applications based on FPGA implementation




Similar Part No. - MT90221

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
MT90220AL MITEL-MT90220AL Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
logo
Zarlink Semiconductor I...
MT90222 ZARLINK-MT90222 Datasheet
895Kb / 55P
4/8/16 Port IMA/TC PHY Device
MT90222AG ZARLINK-MT90222AG Datasheet
895Kb / 55P
4/8/16 Port IMA/TC PHY Device
MT90223AG ZARLINK-MT90223AG Datasheet
895Kb / 55P
4/8/16 Port IMA/TC PHY Device
More results


Similar Description - MT90221

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Zarlink Semiconductor I...
MT90222 ZARLINK-MT90222 Datasheet
895Kb / 55P
4/8/16 Port IMA/TC PHY Device
ZL30226 ZARLINK-ZL30226 Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
Phy and OHCI Link Device
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
IO-LINK PHY for Device Nodes
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101_16 Datasheet
1Mb / 30P
IO-Link PHY for Device Nodes
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
PHY and OHCI Link Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com