Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82V3390B Datasheet (PDF) - Renesas Technology Corp

82V3390B Datasheet PDF - Renesas Technology Corp
Part # 82V3390B
Download  82V3390B Download
File Size   1530.42 Kbytes
Page   182 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET IDT WAN PLL™

82V3390B Datasheet (PDF)

Go To PDF Page Download Datasheet
82V3390B Datasheet PDF - Renesas Technology Corp

Part # 82V3390B
Download  82V3390B Click to download

File Size   1530.42 Kbytes
Page   182 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET IDT WAN PLL™

82V3390B Datasheet (HTML) - Renesas Technology Corp


82V3390B Product details

FEATURES
HIGHLIGHTS
• Single PLL chip:
• Features 0.5 mHz to 560 Hz bandwidth
• Provides node clock for ITU-T G.8261/G.8262 Synchronous
Ethernet (SyncE)
• Exceeds GR-253-CORE and ITU-T G.813 jitter generation
requirements
• Provides node clocks for Cellular and WLL base-station (GSM
and 3G networks)
• Provides clocks for DSL access concentrators (DSLAM), especially
for Japan TCM-ISDN network timing based ADSL equipments
• Provides clocks for 1 Gigabit and 10 Gigabit Ethernet applications
MAIN FEATURES
• Provides an integrated single-chip solution for Synchronous Equipment
Timing Source, including Stratum 3, Stratum 4E, Stratum 4,
SMC, EEC-Option 1 and EEC-Option 2 Clocks
• Provides 156.25 MHz clock for 10 Gig Ethernet Application, with
less than 0.7 ps of RMS Phase Jitter (12 kHz - 20 MHz)
• Employs PLL architecture to feature excellent jitter performance
and minimize the number of the external components
• Integrates T0 DPLL and T4 DPLL; T4 DPLL locks independently or
locks to T0 DPLL
• Supports Forced or Automatic operating mode switch controlled by
an internal state machine. It supports Free- Run, Locked and Holdover
modes
• Supports programmable DPLL bandwidth (0.5 mHz to 560 Hz in 19
steps) and damping factor (1.2 to 20 in 5 steps)
• Supports 1.1X10-5 ppm absolute holdover accuracy and 4.4X10-8
ppm instantaneous holdover accuracy
• Supports hitless reference switching to minimize phase transients
on T0 DPLL output to be no more than 0.61 ns
• Supports phase absorption when phase-time changes on T0
selected input clock are greater than a programmable limit over an
interval of less than 0.1 seconds
• Supports programmable input-to-output phase offset adjustment
• Limits the phase and frequency offset of the outputs
• Provides OUT1~OUT7 output clock frequencies covering from 2
kHz to 625MHz
• Includes 125 MHz and 156.25 MHz for CMOS outputs
• Includes 125 MHz, 156.25 MHz, 312.5 MHz and 625 MHz for differential
outputs




Similar Part No. - 82V3390B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
Supports 1PPS input and output
82V3399 IDT-82V3399 Datasheet
59Kb / 5P
Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
82V3399BNLG IDT-82V3399BNLG Datasheet
59Kb / 5P
Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
82V3399 IDT-82V3399_16 Datasheet
59Kb / 5P
Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
More results


Similar Description - 82V3390B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3352 IDT-IDT82V3352 Datasheet
1Mb / 125P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
SYNCHRONOUS ETHERNET IDT WAN PLL?
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
IDT82V3389 RENESAS-IDT82V3389 Datasheet
2Mb / 157P
SYNCHRONOUS ETHERNET IDT WAN PLL™
June 13, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com