Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143TK Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC143TK Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC143TK
Download  PDTC143TK Download
File Size   402.59 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open

PDTC143TK Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC143TK Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC143TK
Download  PDTC143TK Click to download

File Size   402.59 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open

PDTC143TK Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC143TK Product details

FEATURES
•Built-in bias resistors
•Simplified circuit design
•Reduction of component count
•Reduced pick and place costs.
APPLICATIONS
•General purpose switching and amplification
•Inverter and interface circuits
•Circuit applications.
DESCRIPTION
NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).




Similar Part No. - PDTC143TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143TK PHILIPS-PDTC143TK Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTC143TK NXP-PDTC143TK Datasheet
180Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC143TK NEXPERIA-PDTC143TK Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143TK NEXPERIA-PDTC143TK Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
More results


Similar Description - PDTC143TK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124T_SERIES NEXPERIA-PDTC124T_SERIES Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PUMH15-Q NEXPERIA-PUMH15-Q Datasheet
236Kb / 11P
NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
11 May 2022
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PEMH7 NEXPERIA-PEMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PUMB3 NEXPERIA-PUMB3 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PUMD6 NEXPERIA-PUMD6 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com