Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XDP710-001 Datasheet (PDF) - Infineon Technologies AG

XDP710-001 Datasheet PDF - Infineon Technologies AG
Part # XDP710-001
Download  XDP710-001 Download
File Size   1868.42 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC

XDP710-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
XDP710-001 Datasheet PDF - Infineon Technologies AG

Part # XDP710-001
Download  XDP710-001 Click to download

File Size   1868.42 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC

XDP710-001 Datasheet (HTML) - Infineon Technologies AG


XDP710-001 Product details

Features
• Compatible with Infineon’s OptiMOSTM
• Compatible with Infineon’s Linear FET
• Wide input voltage range: 5.5 V to 80 V
• Transient withstand: up to 100 V for 500 ms
• Dedicated current and voltage ADCs: 12-bit
• Programmable and pre-set FET active SOA protection
• Integrated gate driver and charge pump for external N-Channel MOSFET
• Configurable fast FET's shut down: two step turn-off or 1.5 A pull-down current
• PMBus interface: 1 MHz
• Precision input and output voltage monitoring and reporting: ≤1%
• Precision FET's current monitoring and reporting: ≤ 1%
• Precision input power monitoring and reporting: ≤ 2%
• Energy monitoring and reporting
• Programmable input and output OV and UV protections
• Support for external temperature sensor and OT protection
• Sequential turn-on capability
• 29-lead (6 mm x 6 mm) VQFN package
• -40°C to 125°C junction temperature




Similar Part No. - XDP710-001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XDP710-002 INFINEON-XDP710-002 Datasheet
1Mb / 89P
Hot-swap Controller Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
Rev. 1.0 2024-01-15
More results


Similar Description - XDP710-001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Nexperia B.V. All right...
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
logo
Bel Fuse Inc.
XRAE-01E1A0 BEL-XRAE-01E1A0 Datasheet
1,007Kb / 12P
Wide Input Voltage Range 5.5 VDC ??13.8 VDC
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com