Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

525-01RLF Datasheet (PDF) - Renesas Technology Corp

525-01RLF Datasheet PDF - Renesas Technology Corp
Part # 525-01RLF
Download  525-01RLF Download
File Size   804.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USER CONFIGURABLE CLOCK

525-01RLF Datasheet (PDF)

Go To PDF Page Download Datasheet
525-01RLF Datasheet PDF - Renesas Technology Corp

Part # 525-01RLF
Download  525-01RLF Click to download

File Size   804.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USER CONFIGURABLE CLOCK

525-01RLF Datasheet (HTML) - Renesas Technology Corp


525-01RLF Product details

Features
• Packaged in 28-pin SSOP (150 mil body) or 28-pin
VFQFPN (4x4mm body)
• Industrial and commercial versions available in Pb
(lead) free package
• User determines the output frequency by setting all
internal dividers
• Eliminates need for custom oscillators
• No software needed
• Online calculator determines register settings
• Pull-ups on all select inputs
• Input crystal frequency of 5 – 27 MHz
• Input clock frequency of 2 – 50 MHz
• Very low jitter
• Duty cycle of 45/55 up to 200MHz
• Operating voltage of 3.0V or 5.5V
• Ideal for oscillator replacement
• Industrial temperature version available
• For Zero Delay, refer to the 527




Similar Part No. - 525-01RLF

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
525-00010 HELLERMANNTYTON-525-00010 Datasheet
1Mb / 41P
Wire and Cable Markers
525-00013 HELLERMANNTYTON-525-00013 Datasheet
1Mb / 41P
Wire and Cable Markers
525-07003 HELLERMANNTYTON-525-07003 Datasheet
70Kb / 1P
Wire and Cable Markers
525-07003 HELLERMANNTYTON-525-07003 Datasheet
1Mb / 41P
Wire and Cable Markers
525-07173 HELLERMANNTYTON-525-07173 Datasheet
70Kb / 1P
Wire and Cable Markers
More results


Similar Description - 525-01RLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com