Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840NT4 Datasheet (PDF) - Renesas Technology Corp

840NT4 Datasheet PDF - Renesas Technology Corp
Part # 840NT4
Download  840NT4 Download
File Size   809.77 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System & DDR Clocks for Freescale B4/T4 Processor Systems

840NT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
840NT4 Datasheet PDF - Renesas Technology Corp

Part # 840NT4
Download  840NT4 Click to download

File Size   809.77 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System & DDR Clocks for Freescale B4/T4 Processor Systems

840NT4 Datasheet (HTML) - Renesas Technology Corp


840NT4 Product details

Features
• Ten LVCMOS clock outputs: four system clocks, four DDR clocks,
one RTC output, and one 25MHz reference clock
• Selectable input reference: crystal oscillator interface or
differential LVPECL input
• Output Frequency Range: 25MHz - 200MHz
• Serial Interface: I2C programmable
• Frequency Margining in <0.312MHz steps
• Spread spectrum for EMI reduction
• VCO range: 2GHz – 2.4GHz
• Voltage supply modes:
Core (VDD, VDDXTAL, VDDA) all core voltages must be identical
Output (VDDO_A,VDDO_B, VDDO_C, VDDO_REF0, VDDO_REF1)
Core / Output
3.3V / 3.3V
3.3V / 2.5V
3.3V / 1.8V
2.5V / 2.5V
2.5V / 1.8V
• Output voltage levels are independently selectable
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 840NT4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
System & DDR Clocks for Freescale B4/T4 Processor Systems
840NT4-01 IDT-840NT4-01 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
logo
Renesas Technology Corp
840NT4-01 RENESAS-840NT4-01 Datasheet
868Kb / 25P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
05/18/15
logo
Integrated Device Techn...
840NT4-01NLGI IDT-840NT4-01NLGI Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
logo
Renesas Technology Corp
840NT4-01NLGI RENESAS-840NT4-01NLGI Datasheet
868Kb / 25P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
05/18/15
More results


Similar Description - 840NT4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
Drive processor for DCC systems
May 1994
logo
Active-Semi, Inc
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
logo
Integrated Device Techn...
6V49205B IDT-6V49205B_16 Datasheet
275Kb / 16P
Freescale System Clock w/Selectable DDR Frequency
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
System & DDR Clocks for Freescale B4/T4 Processor Systems
840NT4-01 IDT-840NT4-01 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
840NT4-01 RENESAS-840NT4-01 Datasheet
868Kb / 25P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
05/18/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com