Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V49205B Datasheet (PDF) - Renesas Technology Corp

6V49205B Datasheet PDF - Renesas Technology Corp
Part # 6V49205B
Download  6V49205B Download
File Size   802.85 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Freescale P10XX and P20XX System Clock with Selectable DDR Frequency

6V49205B Datasheet (PDF)

Go To PDF Page Download Datasheet
6V49205B Datasheet PDF - Renesas Technology Corp

Part # 6V49205B
Download  6V49205B Click to download

File Size   802.85 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Freescale P10XX and P20XX System Clock with Selectable DDR Frequency

6V49205B Datasheet (HTML) - Renesas Technology Corp


6V49205B Product details

Description
The 6V49205B is a main clock for Freescale P10xx and
P20xx-based systems. It has a selectable System CCB clock
and 2 DDRCLK speeds – 100M or 66.66M. The 6V49205B
also provides LP-HCSL PCIe outputs for low power and
reduced board space.

Typical Applications
System Clock for Freescale P10xx and P20xx-based designs

Features
• Replaces 11 crystals, 2 oscillators and 3 clock generators;
lowers cost, power and area
• Integrated terminations on LP-HCSL PCIe outputs;
eliminate 24 resistors, saving 41mm2 of board area
• Industrial temperature range operation; supports
demanding environmental conditions
• Advanced 3.3V CMOS process; high-performance,
low-power
• Supports independent spread spectrum on
Sys_CCB/DDRCLK and PCIe outputs
• Available in 48-pin TSSOP and space-saving 7 x 7 mm
48-pin VFQFPN with 0.5mm pad pitch; reduced board
space without the need for fine-pitch assembly techniques




Similar Part No. - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
Industrial temperature range operation
6V49205B IDT-6V49205B Datasheet
275Kb / 16P
Freescale System Clock w/Selectable DDR Frequency
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
Freescale P10XX and P20XX System Clock
6V49205BNLGI IDT-6V49205BNLGI Datasheet
275Kb / 16P
Freescale System Clock w/Selectable DDR Frequency
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
Freescale P10XX and P20XX System Clock
More results


Similar Description - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
High Frequency System Clock Generator
RevB060297
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
6V49205B IDT-6V49205B_16 Datasheet
275Kb / 16P
Freescale System Clock w/Selectable DDR Frequency
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
Clock output with selectable frequency
03/13/14
logo
Integrated Device Techn...
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
System & DDR Clocks for Freescale B4/T4 Processor Systems
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK
logo
Renesas Technology Corp
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com