Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet (PDF) - Renesas Technology Corp

ICS951702 Datasheet PDF - Renesas Technology Corp
Part # ICS951702
Download  ICS951702 Download
File Size   1880.59 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PIII™ System Clock Chip for DDR SDRAM

ICS951702 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS951702 Datasheet PDF - Renesas Technology Corp

Part # ICS951702
Download  ICS951702 Click to download

File Size   1880.59 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PIII™ System Clock Chip for DDR SDRAM

ICS951702 Datasheet (HTML) - Renesas Technology Corp


ICS951702 Product details

Output Features:

+ 7 - Diflerential pairs DDR SDRAM clocks

- 3-CPU@25V (1 - Free running)

+ 8-PCI@ 3.3V (1 - Free running and 1 - 2 X optional)

- 2.AGP @33V

* 1-10APIC @ 2.5V

- 1-48MHz @33V

+ 1-REF@33V

Features:

* Up to 147MHz frequency support

- Power management through PDi

+ Spread spectrum for EMI control (0 to -0.5% down
Spread, + 0.25% center spread).

. Uses external 14.318MHz crystal




Similar Part No. - ICS951702

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
More results


Similar Description - ICS951702

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950405 RENESAS-ICS950405 Datasheet
351Kb / 17P
AMD - K8™ System Clock Chip
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com