Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6CV855 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6CV855
Download  PI6CV855 Download
File Size   303.16 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory

PI6CV855 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CV855 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6CV855
Download  PI6CV855 Click to download

File Size   303.16 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory

PI6CV855 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6CV855 Product details

Product Description
PI6CV855 PLL clock device is developed for SSTL_DDR SDRAM applications. This PLL Clock Buffer is designed for 2.5 VDDQ and 2.5V AVDD operation and differential data input and output levels.

Product Features
• PLL clock distribution optimized for SSTL_2 DDR SDRAM applications.
• Distributes one differential clock input pair to five differential clock output pairs.
• Inputs (CLK,CLK) and (FBIN,FBIN): SSTL_2
• Outputs (Yx, Yx), (FBOUT, FBOUT): SSTL_2
• External feedback pins (FBIN,FBIN) are used to synchronize the outputs to the clock input.
• Operates at AVDD = 2.5V for core circuit and internal PLL, and VDDQ = 2.5V for differential output drivers
• Available Package: – Plastic 28-pin TSSOP




Similar Part No. - PI6CV855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV857L PERICOM-PI6CV857L Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV857LA PERICOM-PI6CV857LA Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
More results


Similar Description - PI6CV855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
PLL Clock Driver for 1.8V DDR2 Memory
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com