Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CV855
Description  PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV855 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CV855 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS8545 06/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV855
PLL Clock Driver for 2.5V
SSTL 2 DDR SDRAM Memory
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
m
o
N.
x
a
Ms
ti
n
U
V
A D
D
e
g
a
tl
o
v
y
l
p
p
u
s
e
r
o
c
/
g
o
l
a
n
A3
.
25
.
27
.
2
V
V Q
D
D
e
g
a
tl
o
v
y
l
p
p
u
s
t
u
p
t
u
O3
.
25
.
27
.
2
V H
O
e
g
a
tl
o
v
t
u
p
t
u
o
l
e
v
el
-
h
g
i
H8
.
1V Q
D
D
V L
O
e
g
a
tl
o
v
t
u
p
t
u
o
l
e
v
el
-
w
o
L0
5
.
0
V X
I
e
g
a
tl
o
v
g
n
i
s
s
o
r
c
ri
a
p
-l
ai
t
n
e
r
e
ff
i
d
t
u
p
n
IV
(
Q
D
D
2
.
0
–
)
2
/V
(
Q
D
D
2
.
0
+
)
2
/
V X
O
t
u
p
n
i
k
c
o
l
c
M
A
R
D
S
e
h
t
t
a
e
g
a
tl
o
v
g
n
i
s
s
o
r
c
ri
a
p
-l
ai
t
n
e
r
e
ff
i
d
t
u
p
t
u
OV
(
Q
D
D
2
.
0
–
)
2
/V
(
Q
D
D
2
.
0
+
)
2
/
V N
I
l
e
v
el
e
g
a
tl
o
v
t
u
p
n
I3
.
0
–V Q
D
D
3
.
0
+
V D
I
K
L
C
d
n
a
K
L
C
n
e
e
w
t
e
b
e
g
a
tl
o
v
l
ai
t
n
e
r
e
ff
i
d
t
u
p
n
I6
3
.
0V Q
D
D
6
.
0
+
V D
O
T
U
O
B
F
d
n
a
]
n
[
Y
d
n
a
]
n
[
Y
n
e
e
w
t
e
b
e
g
a
tl
o
v
l
ai
t
n
e
r
e
ff
i
d
t
u
p
t
u
O
T
U
O
B
F
d
n
a
7
.
0V Q
D
D
6
.
0
+
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
e
e
rf
g
n
it
a
r
e
p
O0
0
7C
°
DCSpecifications
Recommended Operating Conditions
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
TA D
D
V
V
,
Q
D
D
.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V K
I
st
u
p
n
i
ll
AII
A
m
8
1
–
=V
3
.
22
.
1
–V
II
N
I
B
F
,
K
L
CVI V
=
Q
D
D
D
N
G
r
oV
7
.
20
1
±A
µ
I Q
D
D
V
f
o
t
n
e
rr
u
c
y
l
p
p
u
s
ci
m
a
n
y
D
Q
D
D
V D
D
V
7
.
2
=
)
1
(
0
0
3A
m
t
n
e
rr
u
c
y
l
p
p
u
s
ci
t
a
t
Sz
H
M
0
2
<
K
L
C
&
K
L
C0
0
1A
µ
I D
D
A
V
A
f
o
t
n
e
rr
u
c
y
l
p
p
u
s
ci
m
a
n
y
D
D
D
V D
D
V
7
.
2
=
)
1
(
2
1A
m
t
n
e
rr
u
c
y
l
p
p
u
s
ci
t
a
t
Sz
H
M
0
2
<
K
L
C
&
K
L
C0
0
1A
µ
CI
K
L
C
d
n
a
K
L
C
VI V
=
D
D
D
N
G
r
oV
5
.
20
.
20
.
3F
p
N
I
B
F
d
n
a
N
I
B
F
ElectricalCharacteristics
Notes:
1. Driving 9 or 18 DDR SDRAM memory chips with 120-ohm termination resistor for each clock output pair at 134 MHz.
2. The maximum power down clock frequency is below 20 MHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com