Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CV855
Description  PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV855 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CV855 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV855 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS8545 06/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV855
PLL Clock Driver for 2.5V
SSTL 2 DDR SDRAM Memory
ACSpecifications
Switching characteristics over recommended operating free-air temperature range, fCLK > 100 MHz (unless otherwise noted).
(See Figure 1 and 2)
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Dm
a
r
g
a
i
D
V
A C
C
V
,
Q
D
D
V
2
.
0
±
V
5
.
2
=
s
ti
n
U
.
n
i
M.
m
o
Nx
a
M
(tθ)t
e
sf
f
o
e
s
a
h
p
ci
t
a
t
S
)
1
(
4
e
r
u
g
i
F0
5
–0
0
5
s
p
)
c
c
(t
ij
tr
e
tt
ij
el
c
y
c
-
o
t
-
el
c
y
C3
e
r
u
g
i
F5
7
–5
7
)r
e
p
(t
ij
tr
e
tt
ij
d
o
ir
e
P6
e
r
u
g
i
F5
7
–5
7
)r
e
p
h
(t
ij
tr
e
tt
ij
d
o
ir
e
p
-f
l
a
H7
e
r
u
g
i
F0
0
1
–0
0
1
)i
(l
ste
t
a
r
w
el
s
k
c
o
l
c
t
u
p
n
I
)
2
(
8
e
r
u
g
i
F0
.
10
.
2
s
n
/
V
)
o
(l
ste
t
a
r
w
el
s
k
c
o
l
c
t
u
p
t
u
O
)
2
(
8
e
r
u
g
i
F0
.
10
.
2
)
o
(
k
stw
e
k
s
k
c
o
l
c
t
u
p
t
u
O5
e
r
u
g
i
F0
0
1s
p
s
r
e
t
e
m
a
r
a
p
g
n
i
w
o
ll
o
f
e
h
t
h
ti
w
s
r
e
zi
s
e
h
t
n
y
s
C
S
S
g
n
it
r
o
p
p
u
s
el
i
h
w
s
r
e
t
e
m
a
r
a
p
e
v
o
b
a
e
h
t
ll
a
st
e
e
m
5
5
8
V
C
6
I
P
e
h
t
n
o
L
L
P
e
h
T
)
3
( .
y
c
n
e
u
q
e
rf
n
o
it
al
u
d
o
m
C
S
S0
.
0
30
.
0
5z
H
k
n
o
it
ai
v
e
d
y
c
n
e
u
q
e
rf
t
u
p
n
i
k
c
o
l
c
C
S
S0
0
.
00
5
.
0
–%
h
t
d
i
w
d
n
a
b
p
o
o
l
L
L
P2
z
H
M
el
g
n
a
e
s
a
h
P
1
3
0
.
0
–s
e
e
r
g
e
d
Notes:
1. Static Phase offset does not include jitter.
2. The slew rate is determined from the IBIS model with test load shown in Figure 1.
3. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com