Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV857L Datasheet (PDF) - Pericom Semiconductor Corporation

PI6CV857L Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6CV857L
Download  PI6CV857L Download
File Size   340.83 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PLL Clock Driver for 2.5V DDR-SDRAM Memory

PI6CV857L Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CV857L Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6CV857L
Download  PI6CV857L Click to download

File Size   340.83 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PLL Clock Driver for 2.5V DDR-SDRAM Memory

PI6CV857L Datasheet (HTML) - Pericom Semiconductor Corporation


PI6CV857L Product details

Product Description
PI6CV857 PLL clock device is developed for registered DDR DIMM applications This PLL Clock Buffer is designed for 2.5 VDDQand 2.5V AVDD operation and differential data input and output levels. Package options include plastic Thin Shrink Small-Outline Package (TSSOP).

Product Features
• PLL clock distribution optimized for Double Data Rate SDRAM applications.
• Distributes one differential clock input pair to ten differential clock output pairs.
• Inputs (CLK,CLK) and (FBIN,FBIN): SSTL_2
• Input PWRDWN: LVCMOS
• Outputs (Yx, Yx), (FBOUT, FBOUT): SSTL_2
• External feedback pins (FBIN,FBIN) are used to synchronize the outputs to the clock input.
• Operates at AVDD = 2.5V for core circuit and internal PLL, and VDDQ = 2.5V for differential output drivers
• Packaging: (Pb-free & Green available)
    — Plastic 48-pin TSSOP (A)




Similar Part No. - PI6CV857L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CV855L PERICOM-PI6CV855L Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
More results


Similar Description - PI6CV857L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
PLL Clock Driver for 1.8V DDR2 Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com