Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp ICS951702 Datasheet HTML 11Page - Renesas Technology Corp ICS951702 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical Characteristics - SDRAMT & C
ICS951702
Advance Information
TA= 0 - 70° C;V00 = 3.3V +/-5%,VooL= 2.5V +/-5%; CL= 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
Output HighVoltage
VoH2B
Output LowVoltage
VoL2B
Output High Current
loH2B
Output Low Current
loL2B
Rise Time
tr2s1
Fall Time
tf2B1
Duty Cycle
d12B1
Skew
tsk2B1
Jitter, Cycle-to-cycle ticvc-cvc2B1
Jitter, One Sigma
tj1s2B1
CONDITIONS
loH = -12.0 mA
loL= 12 mA
VoH = 1.7V
VoL= 0.7V
VoL= 0.4V,VoH = 2.0V
VoH = 2.0V,VoL= 0.4V
Vr = 1.25V
Vr = 1.25V
Vr = 1.25V
Vr = 1.25V
- -
,�v
\v/'�
'\ \.,>
A
-
"'
-
�
....
))
-.__/
,/
A
A)
---"
v
(
(( (\"-
1 Guaranteed by design, not 100% tested in production.
'.::::::
�©
Electrical Characteristics - IOAPIC
MIN TYP
2
19
47
TA= 0 - 70° C;V00 = 3.3V +/-5%,VoDL= 2.5V +/-5%; CL= 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP
Output HighVoltage
VoH4B
loH = -12 mA
.
�)
2
Output LowVoltage
VoL4B
loL= 12 mA
-�\
V
"'."\\�J)
(<
Output High Current
loH4B
VoH = 1.7V
-....::.
',/�
/_,,,
��"'
Output Low Current
loL4B
VoL= 0.7V
- ,,
(( 5) -
19
Rise Time1
Tr4B
VoL= 0.4V,VoH = 2.0V
\�;:s,
Fall Time1
Tt4B
VoH = 2.0V,Vol = 0.4V
.;:y
Duty Cycle1
Dt4B
Vr = 1.25V
45
Jitter, One Sigma1
Ti1s4B
Vr = 1.25V
Jitter, Absolute1
Tjabs4B Vr= 1.25V
\
\.�}J
-1
1 Guaranteed by design, not 100% tested in production.
0664---07/29/02
8
MAX UNITS
V
0.4
V
-19
mA
mA
1.6
ns
1.6
ns
53
%
250
ps
250
ps
150
ps
MAX UNITS
V
0.4
V
-19
mA
mA
2
ns
2
ns
55
%
0.5
ns
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com