Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp ICS951702 Datasheet HTML 11Page - Renesas Technology Corp ICS951702 Datasheet HTML 12Page - Renesas Technology Corp ICS951702 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
INDEX
AREA
N
l 2
---D----+
"i
SfSi
------..
�
------'-
-c-
oo
b_J
I+
\_��
G
o
aaa C
Ordering Information
ICS951702yG-T
Example:
ICS XXXXXX
G - PPP - T
SYMBOL
A
A1
A2
b
C
D
E
E1
e
L
N
0.
aaa
ICS951702
Advance Information
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
In Mi llimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
MIN
MAX
MIN
MAX
--
1.20
--
.047
0.05
0.15
.002
.006
0.80
1.05
.032
.041
0.17
0.27
.007
.011
0.09
0.20
.0035
.008
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
6.00
6.20
.236
.244
0.50 BASIC
0.020 BASIC
0.45
0.75
.018
.030
SEE VARIATIONS
SEE VARIATIONS
oo
80
oo
80
--
0.10
--
.004
VARIATIONS
N
Dmm .
MIN
I MAX
56
13.90
I 14.10
Reference Doc.: JEDEC Publication 95, M0-153
10-0039
D (inch)
MIN
I MAX
.547
I .555
L Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code
patterns)
Package Type
G=TSSOP
.________ Revision Designator
(will not correlate with datasheet revision)
�-------- Device Type
�----------- Prefix
ICS = St andard Device
0664--07/29/02
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com