Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS951702 Datasheet HTML 1Page - Renesas Technology Corp ICS951702 Datasheet HTML 2Page - Renesas Technology Corp ICS951702 Datasheet HTML 3Page - Renesas Technology Corp ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Descriptions
PIN NUMBER
PIN NAME
1,36,43,48,56
VDDL
2
IOAPIC
3,11,16,21,
29,37,42,49,
GND
52
4
X1
5
X2
6
AVDD
7
FS02• 3
REF0
8,17,22,27
VDD
9
FS12'3
AGP0
10
AGP1
12
PCICLK F
FS21'2
20,19,18,15,
PCICLK(5:0)
14,13
23
PCICLK6
24
PCI_STOP#
25
CPU_STOP#
PD#
26
Vtt_PWRGD
28
FS32• 3
48MHz
30
SDATA
31
SCLK
33,35,39,41,
DDRT(6:0)
45,47,51
32,34,38,40,
DDRC(6:0)
44,46,50
53,54
CPUCLK(1:0)
55
CPUCLK F
Notes:
TYPE
PWR
OUT
PWR
IN
OUT
PWR
IN
OUT
PWR
IN
OUT
OUT
OUT
IN
OUT
OUT
IN
IN
IN
IN
IN
OUT
1/0
IN
OUT
OUT
OUT
OUT
DESCRIPTION
Power supply pins,nominal 2.5V
2.5V clock outputs
Ground pins
Crystal input.nominally 14.318MHz.
Crystal output,nominally 14.318MHz.
Analog power supply for 3.3V
Frequency select pin.
14.318 MHz reference clock.
Power supply pins,nominal 3.3V
Frequency select pin.
AGP outputs defined as 2X PCI.
AGP output defined as 2X PCI.
Free running PCI clock
Frequency select pin.
PCI clock outputs.
ICS951702
Advance Information
PCI clock output(selectable 1X or 2X via 12C)
Stops all PCICLKs at logic 0 level,when input low besides the
PCICLK_F clocks which are controllable by 12C bits whether they are
free runnina or stoooed bv PCI STOP.
Stops all CPUCLKs at logic 0 level,when input low. The individual
CPU clocks are controllable by 12c bits whether they are free
running or stopped by CPU STOP.
Asynchronous active low input pin used to power down the device
into a low power state. The internal clocks are disabled and the
VCO and the crystal are stopped. The latency of the power down will
not be areater than 3ms.
This pin acts as a dual function input pin for Vtt_PWRGD and PD#
signal. When Vtt_PWRGD goes high the frequency select will be
latched at power on thereafter the pin is an asynchronous active low
I power down oin.
Frequency select pin
48MHz output clock
Data oin for 12C circuitrv 5V tolerant
Clock oin of 12c circuitrv 5V tolerant
''True" clocks of differential pair DDR SDRAM outputs - 2.5V
"Complementry" clocks of differential pair
DDR SDRAM outputs - 2.5V
2.5V CPU clocks
Free runnina CPU clock. Not affected by the CPU STOP#.
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Internal pull-down resistor of 120K to GND on indicated inputs.
3:
Bidirectional inpuUoutput pins, input logic levels are latched at internal power-on-reset. Use
1OKohm resistor to program logic Hi to VDD or GND for logic low.
0664-07/29/02
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com