Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 3Page - Renesas Technology Corp ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp ICS951702 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICS951702
Advance Information
Electrical Characteristics - CPUCLK
TA= 0 - 70° C;V00= 3.3V +/-5%,VooL= 2.5V +/-5%; CL= 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
Output HighVoltage
VoH2B
Output LowVoltage
Vol2B
Output High Current
loH2B
Output Low Current
loL2B
Rise Time
tr2B 1
Fall Time
tf2B 1
Duty Cycle
d12B1
Skew
tsk2B 1
Jitter, Cycle-to-cycle ticvc-cvc2B 1
Jitter, One Sigma
tj 1s2B 1
CONDITIONS
loH = -12.0 mA
loL= 12 mA
VoH = 1.7V
VoL= 0.7V
Vol = 0.4V,VoH = 2.0V
VoH = 2.0V,VoL= 0.4V
Vr = 1.25V
- -
A
-."-."
-"�
II'\."\"
\'-.._))
◄
Vr = 1.25V
\��v
A
Vr = 1.25V
) .\'(.
/7"
Vr = 1.25V
\ \
V
( (
0
1 Guaranteed by design, not 100% tested in production.
'::::::;
MIN
2
19
45
(?
/.<© wf
A
5) />v� 11)�✓
, �
Electrical Characteristics - PCICLK
TYP
,,
I
TA= 0 - 70° C;V00= 3.3V +/-5%,VooL= 2.5V +/-5%; CL= 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP
Output HighVoltage
VoH1
loH = -11 mA
2.4
Output LowVoltage
VoL1
loL= 9.4 mA
Output High Current
loH1
VoH = 2.0V
"-.:
Output Low Current
lol 1
VoL= 0.8V
25
Rise Time1
tr1
VoL= 0.4V,VoH = 2.4V
·('7
Fall Time1
'1� tf1
VoH = 2.4V,VoL= 0.4V
✓
Duty Cycle 1
d11
Vr= 1.5V
45
Skew1
tsk 1
Vr= 1.5V
�/
Jitter, Cycle-to-cycle ticvc-cvc2B 1 Vr= 1.5V
Jitter, One Sigma1
ti1s1
Vr= 1.5V
Jitter, Absolute 1
tjabs1
Vr= 1.5V
-500
1 Guaranteed by design, not 100% tested in production.
0664-07/29/02
7
MAX UNITS
V
0.4
V
-1'9
mA
mA
1.6
ns
1.6
ns
55
%
250
ps
250
ps
150
ps
MAX UNITS
V
0.4
V
-22
mA
mA
2
ns
2
ns
55
%
500
ps
250
ps
150
ps
500
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com