Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS951702 Datasheet HTML 1Page - Renesas Technology Corp ICS951702 Datasheet HTML 2Page - Renesas Technology Corp ICS951702 Datasheet HTML 3Page - Renesas Technology Corp ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
General Description
ICS951702
Advance Information
The ICS951702 is a main clock synthesizer chip for Pill based systems with ALI 1644 style chipset. This provides all
clocks required for such a system.
Spread spectrum may be enabled through 12C programming. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS951702
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variatio�.
Serial programming I C interface allows changing functions, stop clock programming and frequency selection.
Mode Pin - Power Management Input Control
STATE
0
1
Power Groups
AVDD = PLL Core & Xtal
VDD48 = 48MHz, PLL2
VDDL, VDD = Digital
0664---07/29/02
Pin 24
PCI STOP#
(input)
PCICLK4
(Output, Active)
Pin 25
CPU STOP#
(Input)
CPUCLKs
(Output, Active)
3
Pin 26
PD#
(Input)
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com