Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS951702 Datasheet HTML 1Page - Renesas Technology Corp ICS951702 Datasheet HTML 2Page - Renesas Technology Corp ICS951702 Datasheet HTML 3Page - Renesas Technology Corp ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Byte 1: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit7
-
X
FS3#
Bit6
10
1
AGP1
Bit5
9
1
AGP0
Bit4
28
1
48MHz
Bit3
2
1
IOAPIC
Bit2
55
1
CPUCLK_F
Bit1
54
1
CPUCLK0
Bit0
53
1
CPUCLK1
Byte 3: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN#
PWD
DESCRIPTION
Bit7
-
X
FS0#
Bit6
-
X
FS1#
Bit5
-
X
FS2#
Bit4
12
1
PCICLK_F
Bit3
-
1
Reserved
Bit2
39,38
1
SDRAMT3,SDRAMC3
Bit1
35,34
1
SDRAMT4,SDRAMC4
Bit0
33,32
1
SDRAMT5,SDRAMC5
Byte 5: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit7
-
1
Reserved
Bit6
-
1
Reserved
Bit5
-
1
Reserved
Bit4
-
1
Reserved
Bit3
-
1
Reserved
Bit2
-
1
Reserved
Bit1
-
1
Reserved
Bit0
-
1
Reserved
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2. Latched Frequency Selects (FS#) will be inverted logic
load of the input frequency select pin conditions.
0664---07/29/02
5
ICS951702
Advance Information
Byte 2: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit7
13
1
PCICLK0
Bit6
14
1
PCICLK1
Bit5
15
1
PCICLK2
Bit4
18
1
PCICLK3
Bit3
19
1
PCICLK4
Bit2
51,50
1
SDRAMT0,SDRAMC0
Bit1
47,46
1
SDRAMT1,SDRAMC1
Bit0
45,44
1
SDRAMT2,SDRAMC2
Byte 4: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTIO N
Bit 7
-
1
Reserved
Bit 6
20
1
PCICLKS
Bit 5
23
1
PCICLK6
Bit4
23
1
PCICLK6;1=1X,0=2X
Bit 3
-
1
Reserved
Bit 2
-
1
Reserved
Bit 1
-
1
Reserved
Bit0
33,
1
SDRAMT6,SDRAMC6
32
Byte 6: Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit7
-
0
Reserved
Bit6
-
0
Reserved
Bit5
-
0
Reserved
Bit4
-
0
Reserved
Bit3
-
0
Reserved
Bit2
-
1
Reserved
Bit1
-
1
Reserved
Bit0
-
1
Reserved
Note: Don't write into this register, writing into this
register can cause malfunction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com