Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp ICS951702 Datasheet HTML 11Page - Renesas Technology Corp ICS951702 Datasheet HTML 12Page - Renesas Technology Corp ICS951702 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Electrical Characteristics - 24MHz, 48MHz, REF
ICS951702
Advance Information
TA= 0 - 70° C;V00 = 3.3V +/-5%,VooL = 2.5V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
,,CONDITIONS
MIN
TYP
MAX UNITS
Output HighVoltage
VoH5
loH = -16 mA
-
2.4
V
........
Output LowVoltage
VoL5
loL = 9 mA
�
A
l l.. ) )
0.4
V
Output High Current
loH5
VoH = 2.0V
►
/>"-"--.....::
-22
mA
Output Low Current
loL5
VoL = 0.8V
I
..
'v
16
mA
Rise Time1
tr5
VoL = 0.4V,VoH = 2.4V
2
ns
Fall Time1
tt5
VoH = 2.4V,VoL = 0.4V
\_.'\
'
2
ns
Duty Cycle1
d15
Vr = 1.5V
-
rr� 45
55
%
Jitter, One Sigma1
ti1s5
Vr = 1.5V
-....._,)
\\....___J,
0.5
ns
Jitter, Absolute1
tjabs5
Vr = 1.5V
-
-1
1
�
ns
0664---07/29/02
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com