Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 2Page - Renesas Technology Corp ICS951702 Datasheet HTML 3Page - Renesas Technology Corp ICS951702 Datasheet HTML 4Page - Renesas Technology Corp ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICS951702
Advance Information
Absolute Maximum Ratings
Supply Voltage ......................... 5.5 V
Logic Inputs ........................... GND -0.5 V to Voo +0.5 V
Ambient Operating Temperature .......... 0°C to +70°C
Case Temperature ...................... 11 5°C
Storage Temperature .................... -6 5°C to +1 50°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70° C; Supply Voltage V00 = 3.3v, VoDL = 2.5 V +/- 5% (unless otherwise stated)
PARAMETER
SYMBOL
Input High Voltage
V1H
Input Low Voltage
V1L
Input High Current
l1H
Input Low Current
l1L1
Input Low Current
l1L2
Operating
loo3.30P66
Supply Current
loo3.30P100
Input frequency
Fi
Input Capacitance1
C1N
C1NX
Clk Stabilization1
TsTAB
/Y
V1N = Voo
CONDITIONS
- - -
,,v
"''-....._..._,/
VIN = 0 V; Inputs with no pull-up resistors
V1N = 0 V; Inputs with pull-up resistors
CL = 0 pF; Select@ 66MHz
CL = 0 pF; Select@ 100MHz
Voo = 3.3 V;
/
Logic Inputs
tr'..'\
X1 & X2 pins
.
• I
,
From V00 = 3.3 V to 1% target Freq.
1Guaranteed by design, not 100% tested in production.
0664---07/29/02
6
MIN
TYP
2
Vss-0.3
-5
-200
12
27
MAX
UNITS
Voo+0.�
V
0.8
V
5
mA
mA
mA
77
mA
100
16
MHz
5
pF
45
pF
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com