Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94258 Datasheet (PDF) - Renesas Technology Corp

ICS94258 Datasheet PDF - Renesas Technology Corp
Part # ICS94258
Download  ICS94258 Download
File Size   353.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Clock Chip for PIII Processor

ICS94258 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94258 Datasheet PDF - Renesas Technology Corp

Part # ICS94258
Download  ICS94258 Click to download

File Size   353.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Clock Chip for PIII Processor

ICS94258 Datasheet (HTML) - Renesas Technology Corp


ICS94258 Product details

Recommended Application:
ALI 1644 style chipset
Output Features:
• 2 - CPU clocks (including 1 free running) @ 2.5V
• 13 - SDRAM @ 3.3V
• 7 - PCI (including 1 free running and 1 early selectable
free running) @ 3.3V
• 2 - AGP @ 3.3V
• 1 - IOAPIC 14.318MHz @ 2.5V
• 1 - 48MHz, @ 3.3V
• 1 - REF 14.318MHZ @ 3.3V, (selectable strength 1X or
2X) through I2C programming
Features:
• Programmable ouput frequency
• Programmable ouput rise/fall time
• Programmable CPU, SDRAM, PCI and AGP skew
• Real time system reset output
• Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread percentage
• Watchdog timer technology to reset system
if over-clocking causes malfunction
• Uses external 14.318MHz crystal
Skew Specifications:
• CPU - CPU: <250ps
• PCI - PCI: <500ps
• SDRAM - SDRAM: <250ps
• AGP - AGP: <500ps
• PCI - AGP: <750ps
• CPU - SDRAM:<350ps
• CPU - PCI: <3ns




Similar Part No. - ICS94258

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94201YFLFT RENESAS-ICS94201YFLFT Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94203YF-T ICST-ICS94203YF-T Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
More results


Similar Description - ICS94258

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com