Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94258 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS94258
Description  Programmable System Clock Chip for PIII Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94258 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS94258 Datasheet HTML 1Page - Renesas Technology Corp ICS94258 Datasheet HTML 2Page - Renesas Technology Corp ICS94258 Datasheet HTML 3Page - Renesas Technology Corp ICS94258 Datasheet HTML 4Page - Renesas Technology Corp ICS94258 Datasheet HTML 5Page - Renesas Technology Corp ICS94258 Datasheet HTML 6Page - Renesas Technology Corp ICS94258 Datasheet HTML 7Page - Renesas Technology Corp ICS94258 Datasheet HTML 8Page - Renesas Technology Corp ICS94258 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS94258
Third party brands and names are the property of their respective owners.
Block Diagram
94258 Rev B - 12/19/01
Functionality
Pin Configuration
48-Pin 300mil SSOP & TSSOP
Recommended Application:
ALI 1644 style chipset
Output Features:
•
2 - CPU clocks (including 1 free running) @ 2.5V
•
13 - SDRAM @ 3.3V
•
7 - PCI (including 1 free running and 1 early selectable
free running) @ 3.3V
•
2 - AGP @ 3.3V
•
1 - IOAPIC 14.318MHz @ 2.5V
•
1 - 48MHz, @ 3.3V
•
1 - REF 14.318MHZ @ 3.3V, (selectable strength 1X or
2X) through I
2C programming
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable CPU, SDRAM, PCI and AGP skew
•
Real time system reset output
•
Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread percentage
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
Skew Specifications:
•
CPU - CPU: <250ps
•
PCI - PCI: <500ps
•
SDRAM - SDRAM: <250ps
•
AGP - AGP: <500ps
•
PCI - AGP: <750ps
•
CPU - SDRAM:<350ps
•
CPU - PCI: <3ns
Programmable System Clock Chip for PIII
™ Processor
Notes:
REF0 can be 1X or 2X strength controlled by I2C.
* Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down of 120K to GND
1. This input has 2X drive strength
Note: PCICLK = 33.33MHz , AGP = 66.66MHz
FS3
FS2
FS1
FS0
CPU
SDRAM
0
0
0
0
66.66
66.66
0
0
0
1
66.66
100.00
0
0
1
0
100.00
66.66
0
0
1
1
100.00
100.00
0
1
0
0
100.00
133.33
0
1
0
1
133.33
66.66
0
1
1
0
133.33
100.00
0
1
1
1
133.33
133.33
1
0
0
0
66.66
66.66
1
0
0
1
66.66
100.00
1
0
1
0
100.00
66.66
1
0
1
1
100.00
100.00
1
1
0
0
100.00
133.33
1
1
0
1
133.33
66.66
1
1
1
0
133.33
100.00
1
1
1
1
133.33
133.33


Similar Part No. - ICS94258

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94201YFLFT RENESAS-ICS94201YFLFT Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94203YF-T ICST-ICS94203YF-T Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
More results

Similar Description - ICS94258

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com