Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94241 Datasheet (PDF) - Integrated Circuit Systems

ICS94241 Datasheet PDF - Integrated Circuit Systems
Part # ICS94241
Download  ICS94241 Download
File Size   141.51 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable TCH??for Differential PIII??Processor

ICS94241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94241 Datasheet PDF - Integrated Circuit Systems

Part # ICS94241
Download  ICS94241 Click to download

File Size   141.51 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable TCH??for Differential PIII??Processor

ICS94241 Datasheet (HTML) - Integrated Circuit Systems


ICS94241 Product details

General Description
The ICS94241 is a single chip timing control hub for desktop designs using VIA PL133-T style chipset with Intel differential PIII processor. It provides all necessary clock signals for such a system.

Features:
• Programmable ouput frequency
• Programmable ouput rise/fall time
• Programmable output to output skew
• Programmable spread spectrum for EMI control
• Real time system reset output
• Watchdog timer technology to reset system if over-clocking causes malfunction
• Uses external 14.318MHz crystal

Output Features:
• 2 - CPUs @2.5V
• 13 - SDRAM @ 3.3V
• 7 - PCI @3.3V,
• 1 - 48MHz, @3.3V
• 1 - 24MHz @ 3.3V
• 2 - REF @3.3V, 14.318MHz.

Recommended Application:
    VIA PL133-T style chipset with Intel differential PIII processor




Similar Part No. - ICS94241

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
ICS94241YFLF-T RENESAS-ICS94241YFLF-T Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
More results


Similar Description - ICS94241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
logo
Integrated Device Techn...
IDTCV110JP IDT-IDTCV110JP Datasheet
76Kb / 16P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115C IDT-IDTCV115C Datasheet
85Kb / 19P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS94241 RENESAS-ICS94241 Datasheet
325Kb / 17P
Programmable TCH™ for Differential PIII™ Processor
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com