Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94241 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS94241
Description  Programmable TCH??for Differential PIII??Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94241 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS94241 Datasheet HTML 1Page - Integrated Circuit Systems ICS94241 Datasheet HTML 2Page - Integrated Circuit Systems ICS94241 Datasheet HTML 3Page - Integrated Circuit Systems ICS94241 Datasheet HTML 4Page - Integrated Circuit Systems ICS94241 Datasheet HTML 5Page - Integrated Circuit Systems ICS94241 Datasheet HTML 6Page - Integrated Circuit Systems ICS94241 Datasheet HTML 7Page - Integrated Circuit Systems ICS94241 Datasheet HTML 8Page - Integrated Circuit Systems ICS94241 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ICS94241
0453C—10/26/04
Pin Configuration
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Internal Pull-down to GND on indicated inputs
3:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use
10Kohm resistor to program logic Hi to VDD or GND for logic low.
General Description
The ICS94241 is a single chip timing control hub for desktop designs using VIA PL133-T style chipset with Intel
differential PIII processor. It provides all necessary clock signals for such a system.
The ICS94241 is part of a whole new line of ICS clock generators and buffers called TCH™
(Timing Control Hub).
ICS is the first to introduce a whole product line which offers full programmability and flexibility on a single clock
device. This part incorporates ICS's newest clock technology which more robust features and functionality.
Employing the use of a serially programmable I
2C interface, this device can adjust the output clocks by
configuring the frequency setting, the output divider ratios, selecting the ideal spread percentage, the output
skew, the output strength, and enabling/disabling each individual output clock. TCH also incorporates ICS's
Watchdog Timer technology in having a frequency reset feature to provide a safe setting under unstable system
conditions.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
6
3
,
0
3
,
9
1
,
4
1
,
5
,
1D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
P
5
4
,
9
3
,
3
3
,
2
2
,
6
1
,
8
,
2D
N
GR
W
Pd
n
u
o
r
G
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
6
3
(
6
4
S
F
3
,
1
N
ID
N
G
o
t
n
w
o
d
-
ll
u
P
l
a
n
r
e
t
n
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
K
L
C
I
C
PT
U
O
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
)
y
l
r
a
e
U
P
C
(
7
3
S
F
3
,
1
N
ID
N
G
o
t
n
w
o
d
-
ll
u
P
l
a
n
r
e
t
n
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
1
K
L
C
I
C
PT
U
O
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
)
y
l
r
a
e
U
P
C
(
9
,
0
1
,
1
1
,
2
1
,
3
1)
2
:
6
(
K
L
C
I
C
PT
U
O
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
)
y
l
r
a
e
U
P
C
(
5
1N
I
R
E
F
F
U
BN
I.
s
t
u
p
t
u
o
M
A
R
D
S
r
o
f
s
r
e
f
f
u
B
t
u
o
n
a
F
o
t
t
u
p
n
I
,
9
2
,
8
2
,
1
2
,
0
2
,
8
1
,
7
1
,
7
3
,
5
3
,
4
3
,
4
3
,
2
3
,
1
3
0
4
,
8
3
)
0
:
2
1
(
M
A
R
D
ST
U
O
n
i
p
N
I
R
E
F
F
U
B
m
o
r
f
s
t
u
p
t
u
o
r
e
f
f
u
B
t
u
o
n
a
F
,
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
)
t
e
s
p
i
h
c
y
b
d
e
ll
o
r
t
n
o
c
(
3
2A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
4
2K
L
C
SN
II
f
o
n
i
p
k
c
o
l
C
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
5
2
1
S
F
3
,
2
N
I.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
4
2T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
4
2
6
2
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
0
S
F
3
,
2
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
7
28
4
D
D
V
AR
W
Ps
t
u
p
t
u
o
z
H
M
8
4
r
o
f
r
e
w
o
p
g
o
l
a
n
A
1
4T
E
S
E
RT
U
O
r
o
e
g
n
a
h
c
o
i
t
a
r
y
c
n
e
u
q
e
r
f
r
o
f
l
a
n
g
i
s
t
e
s
e
r
m
e
t
s
y
s
e
m
i
t
l
a
e
R
.
w
o
l
e
v
i
t
c
a
s
i
l
a
n
g
i
s
s
i
h
T
.
t
u
o
e
m
i
t
r
e
m
m
i
t
g
o
d
h
c
t
a
w
2
4U
P
C
L
D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
s
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
S
3
40
K
L
C
U
P
CT
U
Os
t
u
p
t
u
o
k
c
o
l
c
U
P
C
4
4S
C
_
K
L
C
U
P
CT
U
Ok
c
o
l
c
t
s
o
h
t
e
s
p
i
h
c
r
o
f
t
u
p
t
u
o
k
c
o
l
c
U
P
C
6
4
2
S
F
3
,
2
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
1
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
7
40
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
h
M
8
1
3
.
4
1
8
4#
D
G
R
W
P
_
T
T
VN
I
e
n
i
m
r
e
t
e
d
o
t
d
e
s
u
e
b
o
r
t
s
e
v
i
t
i
s
n
e
s
l
e
v
e
l
a
s
i
t
u
p
n
i
L
T
T
V
L
V
3
.
3
s
i
h
T
d
e
l
p
m
a
s
e
b
o
t
y
d
a
e
r
e
r
a
d
n
a
d
il
a
v
e
r
a
s
t
u
p
n
i
S
F
n
e
h
w
)
w
o
l
e
v
i
t
c
a
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com