Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94241 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS94241
Description  Programmable TCH??for Differential PIII??Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94241 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS94241 Datasheet HTML 7Page - Integrated Circuit Systems ICS94241 Datasheet HTML 8Page - Integrated Circuit Systems ICS94241 Datasheet HTML 9Page - Integrated Circuit Systems ICS94241 Datasheet HTML 10Page - Integrated Circuit Systems ICS94241 Datasheet HTML 11Page - Integrated Circuit Systems ICS94241 Datasheet HTML 12Page - Integrated Circuit Systems ICS94241 Datasheet HTML 13Page - Integrated Circuit Systems ICS94241 Datasheet HTML 14Page - Integrated Circuit Systems ICS94241 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ICS94241
0453C—10/26/04
Electrical Characteristics - CPUCLK
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -12.0mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
mA
Rise Time
tr2B
1
VOL = 0.5V, VOH = 2.0 V
0.95
1.3
ns
Fall Time
tf2B
1
VOH = 2.0V, VOL = 0.5 V
0.95
1.3
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
49
55
%
Skew
tsk2B
1
VT = 1.25 V
145
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
225
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical C haracteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3 V +/-5% , VDDL = 2.5 V +/-5% ; CL = 30 pF (unless otherwise stated)
PARAMETER
SYM BOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
mA
Rise Time
1
tr1
VOL = 0.4 V,VOH = 2.4 V
1.6
2
ns
Fall Time
1
tf1
VOH = 2.4 V,VOL = 0.4 V
1.9
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
52
55
%
Skew
1
tsk1
VT = 1.5 V
50
500
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT= 1.5 V
240
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com