Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94241 Datasheet (PDF) - Renesas Technology Corp

ICS94241 Datasheet PDF - Renesas Technology Corp
Part # ICS94241
Download  ICS94241 Download
File Size   325.63 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable TCH™ for Differential PIII™ Processor

ICS94241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94241 Datasheet PDF - Renesas Technology Corp

Part # ICS94241
Download  ICS94241 Click to download

File Size   325.63 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable TCH™ for Differential PIII™ Processor

ICS94241 Datasheet (HTML) - Renesas Technology Corp


ICS94241 Product details

Output Features:
• 2 - CPUs @2.5V
• 13 - SDRAM @ 3.3V
• 7 - PCI @3.3V,
• 1 - 48MHz, @3.3V
• 1 - 24MHz @ 3.3V
• 2 - REF @3.3V, 14.318MHz.
Features:
• Programmable ouput frequency
• Programmable ouput rise/fall time
• Programmable output to output skew
• Programmable spread spectrum for EMI control
• Real time system reset output
• Watchdog timer technology to reset system
if over-clocking causes malfunction
• Uses external 14.318MHz crystal




Similar Part No. - ICS94241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
ICS94241FLF-T ICST-ICS94241FLF-T Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
More results


Similar Description - ICS94241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Renesas Technology Corp
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
IDTCV115-2 RENESAS-IDTCV115-2 Datasheet
270Kb / 20P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
APRIL 2004
IDTCV115F RENESAS-IDTCV115F Datasheet
267Kb / 20P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
APRIL 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com