Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94241 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS94241
Description  Programmable TCH™ for Differential PIII™ Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94241 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS94241 Datasheet HTML 1Page - Renesas Technology Corp ICS94241 Datasheet HTML 2Page - Renesas Technology Corp ICS94241 Datasheet HTML 3Page - Renesas Technology Corp ICS94241 Datasheet HTML 4Page - Renesas Technology Corp ICS94241 Datasheet HTML 5Page - Renesas Technology Corp ICS94241 Datasheet HTML 6Page - Renesas Technology Corp ICS94241 Datasheet HTML 7Page - Renesas Technology Corp ICS94241 Datasheet HTML 8Page - Renesas Technology Corp ICS94241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS94241
0453C—10/26/04
Pin Configuration
Recommended Application:
VIA PL133-T style chipset with Intel differential PIII
processor
Output Features:
•
2 - CPUs @2.5V
•
13 - SDRAM @ 3.3V
•
7 - PCI @3.3V,
•
1 - 48MHz, @3.3V
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable output to output skew
•
Programmable spread spectrum for EMI control
•
Real time system reset output
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
Key Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: <500ps
•
PCI – PCI: <500ps
•
CPU-SDRAM: <500ps
•
CPU(early)-PCI: Min=1.0ns, Typ=2.0ns, Max=4.0ns
Programmable TCH™ for Differential PIII™ Processor
Block Diagram
48-Pin 300mil SSOP
VDDREF
GNDREF
X1
X2
VDDPCI
*FS4/PCICLK0
*FS3/PCICLK1
GNDPCI
PCICLK2
PCICLK3
PCICLK4
PCICLK5
PCICLK6
VDDPCI
BUFFER_IN
GNDSDR
SDRAM12
SDRAM11
VDDSDR
SDRAM10
SDRAM9
GND48
SDATA
SCLK
VTT_PWRGD#
REF0
REF1/FS2**
GNDCPU
CPUCLK_CS
CPUCLK0
VDDLCPU
RESET#
SDRAM0
GNDSDR
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
GNDSDR
SDRAM5
SDRAM6
VDDSDR
SDRAM7
SDRAM8
AVDD48
48MHz/FS0**
24MHz/FS1**
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
*
Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down resistor of 120K to GND
1. This output has 1.5 to 2X drive strength
Functionality
For additional margin testing frequencies refer to pg 5
frequency table.
Bit2 Bit7 Bit6 Bit5 Bit4
FS4 FS3 FS2 FS1 FS0
0
0
0
0
0
66.67
33.33
+/- 0.25 Center Spread
0
0
0
0
1
66.67
33.33
0 to -0.5% Down Spread
0
0
0
1
0
68.67
34.33
± 0.25 Center Spread
0
0
0
1
1
71.34
35.66
+/- 0.25 Center Spread
0
1
0
0
0
100.00
33.33
+/- 0.25 Center Spread
0
1
0
0
1
100.00
33.33
0 to -0.5% Down Spread
0
1
0
1
0
103.00
34.33
+/- 0.25 Center Spread
0
1
0
1
1
107.00
35.67
+/- 0.25 Center Spread
1
0
0
0
0
200.00
33.33
+/- 0.25 Center Spread
1
0
0
0
1
200.00
33.33
0 to -0.5% Down Spread
1
0
0
1
0
206.00
34.33
+/- 0.25 Center Spread
1
0
0
1
1
214.00
35.67
+/- 0.25 Center Spread
1
1
0
0
0
133.33
33.33
+/- 0.25 Center Spread
1
1
0
0
1
133.33
33.33
0 to -0.5% Down Spread
1
1
0
1
0
137.33
34.33
+/- 0.25 Center Spread
1
1
0
1
1
142.67
35.67
+/- 0.25 Center Spread
Spread Percentage
CPUCLK PCICLK


Similar Part No. - ICS94241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
ICS94241FLF-T ICST-ICS94241FLF-T Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
More results

Similar Description - ICS94241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Renesas Technology Corp
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
IDTCV115-2 RENESAS-IDTCV115-2 Datasheet
270Kb / 20P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
APRIL 2004
IDTCV115F RENESAS-IDTCV115F Datasheet
267Kb / 20P
PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
APRIL 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com