Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94229 Datasheet (PDF) - Integrated Circuit Systems

ICS94229 Datasheet PDF - Integrated Circuit Systems
Part # ICS94229
Download  ICS94229 Download
File Size   246.93 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable System Clock Chip for AMD - K7 processor

ICS94229 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94229 Datasheet PDF - Integrated Circuit Systems

Part # ICS94229
Download  ICS94229 Click to download

File Size   246.93 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable System Clock Chip for AMD - K7 processor

ICS94229 Datasheet (HTML) - Integrated Circuit Systems


ICS94229 Product details

General Description
The ICS94229 is a main clock synthesizer chip for AMD-K7 based systems with VIA KT266 style chipset. This provides all clocks required for such a system.

Features:
• Programmable output frequency.
• Programmable output rise/fall time.
• Programmable slew and skew control for CPUCLK, PCICLK, AGP, REF, 48MHz and 24_48MHz.
• Real time system reset output.
• Spread spectrum for EMI control typically by 7dB to 8dB, with programmable spread percentage.
• Watchdog timer technology to reset system if over-clocking causes malfunction.
• Uses external 14.318MHz crystal.

Output Features:
• 1 - Differential pair open drain CPU clocks @ 2.5V
• 1 - Differential pair push-pull CPU clocks @ 2.5V
• 11 - PCI including 1 free running and 1 early @ 3.3V
• 1 - 48MHz, @ 3.3V fixed
• 1 - 24/48MHz @ 3.3V
• 3 - REF @ 3.3V, 14.318MHz.

Recommended Application:
    VIA KT266 style chipset




Similar Part No. - ICS94229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94228YFLF-T ICST-ICS94228YFLF-T Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results


Similar Description - ICS94229

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com