Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94229 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS94229
Description  Programmable System Clock Chip for AMD - K7 processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94229 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS94229 Datasheet HTML 2Page - Integrated Circuit Systems ICS94229 Datasheet HTML 3Page - Integrated Circuit Systems ICS94229 Datasheet HTML 4Page - Integrated Circuit Systems ICS94229 Datasheet HTML 5Page - Integrated Circuit Systems ICS94229 Datasheet HTML 6Page - Integrated Circuit Systems ICS94229 Datasheet HTML 7Page - Integrated Circuit Systems ICS94229 Datasheet HTML 8Page - Integrated Circuit Systems ICS94229 Datasheet HTML 9Page - Integrated Circuit Systems ICS94229 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
ICS94229
Advance Information
Third party brands and names are the property of their respective owners.
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Bit5
Bit4
Bit3 Bit2 Bit1 Bit0
SSB1 SSB0 FS3 FS2 FS1 FS0
0
0
0
0
0
0
233.33
77.78
38.88 +/- 0.25% Center Spread
N/A
0
0
0
0
0
1
220.00
73.33
36.67 +/- 0.25% Center Spread
N/A
0
0
0
0
1
0
210.00
70.00
35.00 +/- 0.25% Center Spread
N/A
0
0
0
0
1
1
200.00
66.67
33.33 +/- 0.25% Center Spread
N/A
0
0
0
1
0
0
190.00
76.00
38.00 +/- 0.25% Center Spread
N/A
0
0
0
1
0
1
180.00
72.00
36.00 +/- 0.25% Center Spread
N/A
0
0
0
1
1
0
170.00
68.00
34.00 +/- 0.25% Center Spread
N/A
0
0
0
1
1
1
150.00
75.00
37.50 +/- 0.25% Center Spread
N/A
0
0
1
0
0
0
140.00
70.00
35.00 +/- 0.25% Center Spread
N/A
0
0
1
0
0
1
120.00
60.00
30.00 +/- 0.25% Center Spread
N/A
0
0
1
0
1
0
110.00
66.00
33.00 +/- 0.25% Center Spread
N/A
0
0
1
0
1
1
66.67
66.67
33.33 +/- 0.25% Center Spread
N/A
0
0
1
1
0
0
200.00
66.67
33.33 +/- 0.25% Center Spread
N/A
0
0
1
1
0
1
166.67
66.67
33.33 +/- 0.25% Center Spread
N/A
0
0
1
1
1
0
100.00
66.67
33.33 +/- 0.25% Center Spread
0
0
0
1
1
1
1
133.33
66.67
33.33 +/- 0.25% Center Spread
1
1
0
0
0
0
0
200.00
66.67
33.33 0 to -0.5% Down Spread
N/A
1
0
0
0
0
1
166.67
66.67
33.33 0 to -0.5% Down Spread
N/A
1
0
0
0
1
0
100.00
66.67
33.33 0 to -0.5% Down Spread
0
1
0
0
0
1
1
133.33
66.67
33.33 0 to -0.5% Down Spread
1
1
0
0
1
0
0
200.00
66.67
33.33 +/- 0.50% Center Spread
N/A
1
0
0
1
0
1
166.67
66.67
33.33 +/- 0.50% Center Spread
N/A
1
0
0
1
1
0
100.00
66.67
33.33 +/- 0.50% Center Spread
0
1
0
0
1
1
1
133.33
66.67
33.33 +/- 0.50% Center Spread
1
1
1
1
0
0
0
200.00
66.67
33.33 +/- 0.75% Center Spread
N/A
1
1
1
0
0
1
166.67
66.67
33.33 +/- 0.75% Center Spread
N/A
1
1
1
0
1
0
100.00
66.67
33.33 +/- 0.75% Center Spread
0
1
1
1
0
1
1
133.33
66.67
33.33 +/- 0.75% Center Spread
1
1
1
1
1
0
0
200.00
66.67
33.33 0 to +0.5% Up S pread
N/A
1
1
1
1
0
1
166.67
66.67
33.33 0 to +0.5% Up S pread
N/A
1
1
1
1
1
0
100.00
66.67
33.33 0 to +0.5% Up S pread
0
1
1
1
1
1
1
133.33
66.67
33.33 0 to +0.5% Up S pread
1
RATIO
Bit 6: 0 = Hardware select; 1 = I
2C select. Default is OFF.
Bit 7: 0 = Spread off; 1 = Spread spectrum enable. Default is OFF
CPUCLK AGPCLK
PCICLK
Spre a d Pe rce nta ge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com