Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94229 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94229
Description  Programmable System Clock Chip for AMD - K7 processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94229 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94229 Datasheet HTML 1Page - Integrated Circuit Systems ICS94229 Datasheet HTML 2Page - Integrated Circuit Systems ICS94229 Datasheet HTML 3Page - Integrated Circuit Systems ICS94229 Datasheet HTML 4Page - Integrated Circuit Systems ICS94229 Datasheet HTML 5Page - Integrated Circuit Systems ICS94229 Datasheet HTML 6Page - Integrated Circuit Systems ICS94229 Datasheet HTML 7Page - Integrated Circuit Systems ICS94229 Datasheet HTML 8Page - Integrated Circuit Systems ICS94229 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS94229
Third party brands and names are the property of their respective owners.
Block Diagram
94229 Rev - 05/31/01
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
VIA KT266 style chipset
Output Features:
•
1 - Differential pair open drain CPU clocks @ 2.5V
•
1 - Differential pair push-pull CPU clocks @ 2.5V
•
11 - PCI including 1 free running and 1 early @ 3.3V
•
1 - 48MHz, @ 3.3V fixed
•
1 - 24/48MHz @ 3.3V
•
3 - REF @ 3.3V, 14.318MHz.
Features:
•
Programmable output frequency.
•
Programmable output rise/fall time.
•
Programmable slew and skew control for CPUCLK,
PCICLK, AGP, REF, 48MHz and 24_48MHz.
•
Real time system reset output.
•
Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread percentage.
•
Watchdog timer technology to reset system
if over-clocking causes malfunction.
•
Uses external 14.318MHz crystal.
Skew Specifications:
•
CPU - CPU: <175ps
•
PCI - PCI: <500ps
•
CPU (early - PCI: min=1.0ns, max=2.0ns
•
CPU cycle to cycle jitter: <250ps
Programmable System Clock Chip for AMD - K7™ processor
* Internal Pull-up Resistor of 120K to VDD
VDDREF
GND
X1
X2
AVDD48
*FS2/48MHz
*FS3/24_48MHz
GND
*WDEN/PCICLK_F
*SEL24_48#/PCICLK0
PCICLK1
GND
PCICLK2
PCICLK3
VDDPCI
PCICLK4
PCICLK5
PCICLK6
GND
PCICLK7
PCILCK8
PCICLK9_E
VDDPCI
SRESET#
REF0/
REF1/FS1*
REF_F
RATIO
AGP_STOP#*
GND
CPUCLKT0
CPUCLKC0
VDDL
CPUCLK_CST0
CPUCLK_CSC0
GND
CPU_STOP#*
PCI_STOP#*
PD#*
AVDD
AGND
SDATA
SCLK
GND
AGP2
AGP1
AGP0
VDDAGP
FS0*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SEL24_48#
PLL2
PLL1
Spread
Spectrum
48MHz (1:0)
24_48MHz
PCICLK (8:0)
AGP (2:0)
PCICLK_F
REF_F
PCICLK9_E
SRESET#
RATIO
3
9
2
2
X1
X2
XTAL
OSC
CPU
DIVDER
CPU
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Stop
Stop
SDATA
SCLK
FS (3:0)
PD#
PCI_STOP#
CPU_STOP#
AGP_STOP#
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
CPUCLKT0
CPUCLKC0
CPUCLK_CST0
CPUCLK_CSC0
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
P
G
A
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
3
3
.
3
3
28
7
.
7
78
8
.
8
3
000
1
0
0
.
0
2
23
3
.
3
77
6
.
6
3
00
1
0
0
0
.
0
1
20
0
.
0
70
0
.
5
3
00
11
0
0
.
0
0
27
6
.
6
63
3
.
3
3
01
0
0
0
0
.
0
9
10
0
.
6
70
0
.
8
3
01
01
0
0
.
0
8
10
0
.
2
70
0
.
6
3
01
1
0
0
0
.
0
7
10
0
.
8
60
0
.
4
3
0
111
0
0
.
0
5
10
0
.
5
70
5
.
7
3
1
000
0
0
.
0
4
10
0
.
0
70
0
.
5
3
10
0
1
0
0
.
0
2
10
0
.
0
60
0
.
0
3
10
10
0
0
.
0
1
10
0
.
6
60
0
.
3
3
10
1
1
7
6
.
6
67
6
.
6
63
3
.
3
3
11
00
0
0
.
0
0
27
6
.
6
63
3
.
3
3
11
0
1
7
6
.
6
6
17
6
.
6
63
3
.
3
3
111
0
0
0
.
0
0
17
6
.
6
63
3
.
3
3
1111
3
3
.
3
3
17
6
.
6
63
3
.
3
3
Advance Information
ADVANCE INFORMATION documents contain information on products
in the formative or design phase development. Characteristic data and
other specifications are design goals. ICS reserves the right to change or
discontinue these products without notice.


Similar Part No. - ICS94229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94228YFLF-T ICST-ICS94228YFLF-T Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results

Similar Description - ICS94229

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com