Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94235 Datasheet (PDF) - Integrated Circuit Systems

ICS94235 Datasheet PDF - Integrated Circuit Systems
Part # ICS94235
Download  ICS94235 Download
File Size   757.88 Kbytes
Page   19 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR

ICS94235 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94235 Datasheet PDF - Integrated Circuit Systems

Part # ICS94235
Download  ICS94235 Click to download

File Size   757.88 Kbytes
Page   19 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR

ICS94235 Datasheet (HTML) - Integrated Circuit Systems


ICS94235 Product details

General Description
The ICS94235 is a main clock synthesizer chip for AMD-K7 based systems with ALI 1647 style chipsets. This provides all clocks required for such a system.

Features:
• Programmable ouput frequency
• Programmable ouput rise/fall time
• Programmable CPU, SDRAM, PCI and AGP skew
• Real time system reset output
• Spread spectrum for EMI control typically by 7dB to 8dB, with programmable spread percentage
• Watchdog timer technology to reset system if over-clocking causes malfunction
• Uses external 14.318MHz crystal

Output Features:
• 1 - Differential pair open drain CPU clocks
• 1 - Single-ended open drain CPU clock
• 13 - SDRAM @ 3.3V
• 7 - PCI @ 3.3V
• 2 - AGP @ 3.3V
• 1 - 48MHz, @3.3V
• 1 - REF @ 3.3V, (selectable strength) through I2C




Similar Part No. - ICS94235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94236YF-T ICST-ICS94236YF-T Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results


Similar Description - ICS94235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com