Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94235 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS94235 Datasheet HTML 1Page - Integrated Circuit Systems ICS94235 Datasheet HTML 2Page - Integrated Circuit Systems ICS94235 Datasheet HTML 3Page - Integrated Circuit Systems ICS94235 Datasheet HTML 4Page - Integrated Circuit Systems ICS94235 Datasheet HTML 5Page - Integrated Circuit Systems ICS94235 Datasheet HTML 6Page - Integrated Circuit Systems ICS94235 Datasheet HTML 7Page - Integrated Circuit Systems ICS94235 Datasheet HTML 8Page - Integrated Circuit Systems ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS94235
Third party brands and names are the property of their respective owners.
Pin Descriptions
PIN NU MBER
PIN NA ME
TYPE
D ESCR IPTION
1
RESET#
OUT
Real time system reset signal for frequency value or w atchdog timmer
timeout. This signal is active low.
2
PD#
1
IN
As ynchronous active low input pin used to pow er dow n the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the pow er dow n w ill not be greater than 3ms.
4
X 1
IN
Crystal input,nominally 14.318M H z.
5
X 2
OU T
Crystal output, nominally 14.318M H z.
3, 11, 16, 23, 29,
34, 41, 48
G ND
PWR
Ground pins
8, 17, 28, 35, 40
V DD
PWR
Pow er supply pins, nominal 3.3V
6
A VD D
PWR
A nalog pow er supply pin, nominal 3.3V
FS0
2, 3
IN
Frequency select pin.
REF0
OU T
14.318 M H z reference clock.
FS1
2, 3
IN
Frequency select pin.
A GP0
OU T
AG P outputs defined as 2X PCI. These may not be stopped.
10
A GP1
OU T
AG P outputs defined as 2X PCI. These may not be stopped.
PCICLK _F
OU T
Free running PCICLK not stoped by PCI_STO P#
FS2
1, 3
IN
Frequency select pin.
20, 19, 15, 14, 13
PCICLK
(5:4) (2:0)
OU T
PCI clock outputs.
PCICLK 3
OU T
PCI clock output.
M O DE
1, 3
IN
Function select pin, 1=D es ktop M ode, 0=M obile M ode.
21
AV DD 48
PWR
A nalog pow er s upply pin, nominal 3.3V
FS3
2, 3
IN
Frequency select pin.
48M Hz
OU T
48M H z output clock
24
SCLK
IN
Clock input of I
2
C input, 5V tolerant input
PCI_STO P#
1
IN
Stops all PCICLK s besides the PCICLK _F clocks at logic 0 level,
when input low
SD RAM 10
OU T
SD RA M clock output.
25, 26, 30, 31, 32,
33, 36, 37, 38, 39,
42, 43
SD RAM
(12:11, 9:0 )
OU T
SD RA M clock outputs.
44
SD ATA
I/O
Data pin for I
2
C circuitry 5V tolerant
45, 47
CPU CLK T (1:0)
OUT
"True" clocks of differential pair CPU outputs. These open drain outputs
need an external 1.5V pull-up.
46
CPU CLK C0
OU T
"Complementory" clocks of differential pair CPU outputs. This open drain
output need an external 1.5V pull-up.
9
7
27
12
22
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com