Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94235 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94235 Datasheet HTML 1Page - Integrated Circuit Systems ICS94235 Datasheet HTML 2Page - Integrated Circuit Systems ICS94235 Datasheet HTML 3Page - Integrated Circuit Systems ICS94235 Datasheet HTML 4Page - Integrated Circuit Systems ICS94235 Datasheet HTML 5Page - Integrated Circuit Systems ICS94235 Datasheet HTML 6Page - Integrated Circuit Systems ICS94235 Datasheet HTML 7Page - Integrated Circuit Systems ICS94235 Datasheet HTML 8Page - Integrated Circuit Systems ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS94235
Third party brands and names are the property of their respective owners.
Block Diagram
94235 Rev A 01/17/02
Functionality
Pin Configuration
Recommended Application:
Output Features:
•
1 - Differential pair open drain CPU clocks
•
1 - Single-ended open drain CPU clock
•
13 - SDRAM @ 3.3V
•
7 - PCI @ 3.3V
•
2 - AGP @ 3.3V
•
1 - 48MHz, @3.3V
•
1 - REF @ 3.3V, (selectable strength) through I
2C
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable CPU, SDRAM, PCI and AGP skew
•
Real time system reset output
•
Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread percentage
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
Skew Specifications:
•
CPUT - CPUC: <250ps
•
PCI - PCI: <500ps
•
CPU - SDRAM: <350ps
•
SDRAM - SDRAM: <250ps
•
AGP - AGP: <250ps
•
AGP - PCI: <750ps
•
CPU - PCI: <3ns
48-Pin 300mil SSOP &
240mil TSSOP package
RESET#
*PD#
GND
X1
X2
AVDD
**FS0/REF0
VDD
**FS1/AGP0
AGP1
GND
*FS2/PCICLK_F
PCICLK0
PCICLK1
PCICLK2
GND
VDD
*MODE/PCICLK3
PCICLK4
PCICLK5
AVDD48
**FS3/48MHz
GND
SCLK
GND
CPUCLKT0
CPUCLKC0
CPUCLKT1
SDATA
SDRAM0
SDRAM1
GND
VDD
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDD
GND
SDRAM6
SDRAM7
SDRAM8
SDRAM9
GND
VDD
SDRAM10(PCI_STOP#)*
SDRAM11
SDRAM12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
PLL2
PLL1
Spread
Spectrum
48MHz
CPUCLKT (1:0)
SDRAM (12:0)
PCICLK (5:0)
AGP (1:0)
RESET#
2
6
13
2
PCICLK_F
CPUCLKC0
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Stop
SDATA
SCLK
FS (3:0)
PD#
PCI_STOP#
MODE
Control
Logic
Config.
Reg.
REF0
Power Groups
FS 3
FS 2
FS 1
FS 0
CP U
S DRAM
PCI
AGP
0
0
0
0
66.66
66.66
33.33
66.66
0
0
0
1
66.66
100.00
33.33
66.66
0
0
1
0
100.00
66.66
33.33
66.66
0
0
1
1
100.00
100.00
33.33
66.66
0
1
0
0
100.00
133.33
33.33
66.66
0
1
0
1
120.00
120.00
30.00
60.00
0
1
1
0
133.33
100.00
33.33
66.66
0
1
1
1
133.33
133.33
33.33
66.66
1
0
0
0
90.00
90.00
30.00
60.00
1
0
0
1
100.90
100.90
33.63
67.27
1
0
1
0
100.00
66.66
33.33
66.66
1
0
1
1
100.00
100.00
33.33
66.66
1
1
0
0
100.00
133.33
33.33
66.66
0
1
0
1
126.00
126.00
31.50
63.00
1
1
1
0
133.33
100.00
33.33
66.66
1
1
1
1
133.33
133.33
33.33
66.66


Similar Part No. - ICS94235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94236YF-T ICST-ICS94236YF-T Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results

Similar Description - ICS94235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com