Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet (PDF) - Renesas Technology Corp

ICS94201 Datasheet PDF - Renesas Technology Corp
Part # ICS94201
Download  ICS94201 Download
File Size   519.44 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Frequency Generator for PII/III™

ICS94201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94201 Datasheet PDF - Renesas Technology Corp

Part # ICS94201
Download  ICS94201 Click to download

File Size   519.44 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Frequency Generator for PII/III™

ICS94201 Datasheet (HTML) - Renesas Technology Corp


ICS94201 Product details

Output Features:
• 2 - CPUs @ 2.5V
• 13 - SDRAM @ 3.3V
• 3 - 3V66 @ 3.3V
• 8 - PCI @3.3V
• 1 - 24/48MHz@ 3.3V
• 1 - 48MHz @ 3.3V fixed
• 1 - REF @3.3V, 14.318MHz
Features:
• Programmable ouput frequency.
• Programmable ouput rise/fall time for PCI and SDRAM clocks.
• Programmable 3V66 to PCI skew.
• Spread spectrum for EMI control with programmable spread percentage.
• Watchdog timer technology to reset system if over-clocking causes malfunction.
• Support power management through PD#.
• Uses external 14.318MHz crystal.
• FS pins for frequency select




Similar Part No. - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
More results


Similar Description - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com