Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS94201 Datasheet HTML 6Page - Renesas Technology Corp ICS94201 Datasheet HTML 7Page - Renesas Technology Corp ICS94201 Datasheet HTML 8Page - Renesas Technology Corp ICS94201 Datasheet HTML 9Page - Renesas Technology Corp ICS94201 Datasheet HTML 10Page - Renesas Technology Corp ICS94201 Datasheet HTML 11Page - Renesas Technology Corp ICS94201 Datasheet HTML 12Page - Renesas Technology Corp ICS94201 Datasheet HTML 13Page - Renesas Technology Corp ICS94201 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
ICS94201
0428B - 11/28/05
Byte 21: ICS Reserved Register
Byte 23: Group Skew Control Register
Byte 22: Group Skew Control Register
Note: Default 3V66 to PCI skew is 2.5ns bit [7:4]=1001.
Each increment or decrement of bit 4 to 7 will
introduce 100ps delay or advance on all PCI
clocks.
Byte 24: Output Rise/Fall Time Select Register
Note: This is an unused register. Writing to this register will
not affect device performance or functionality.
Byte 20: Output Dividers Control Register
Note: Changing bits in these registers results in
frequency divider ratio changes. Incorrect
configuration of group gear ratio can cause
system malfunction.
Notes:
1. PWD = Power on Default
2. The power on default for byte 16-20 depends on the hardware
(latch inputs FS[0:4]) or I
2C (Byte 0 bit [1:7]) setting. Be sure
to read back and re-write the values of these 5 registers when
VCO frequency change is desired for the first pass.
3. If Byte 8 bit 7 is driven to "1" meaning programming is
intended, Byte 21-24 will lose their default power up value.
Note: Default 3V66 to IOAPIC skew is 2.5ns bit [3:0]=0111.
Each increment or decrement of bit 4 to 7 will introduce
100ps delay or advance on all IOAPIC clocks.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
3
2
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
6
t
i
BX
2
2
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
5
t
i
BX
1
2
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
4
t
i
BX
0
2
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
3
t
i
BX
9
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
2
t
i
BX
8
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
1
t
i
BX
7
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
0
t
i
BX
6
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
0)
d
e
v
r
e
s
e
R
(
6
t
i
B
0)
d
e
v
r
e
s
e
R
(
5
t
i
B
0)
d
e
v
r
e
s
e
R
(
4
t
i
B
0)
d
e
v
r
e
s
e
R
(
3
t
i
B
0)
d
e
v
r
e
s
e
R
(
2
t
i
B
0)
d
e
v
r
e
s
e
R
(
1
t
i
B
0)
d
e
v
r
e
s
e
R
(
0
t
i
B
0)
d
e
v
r
e
s
e
R
(
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
3
t
i
B
w
e
k
S
I
C
P
o
t
6
6
V
3
6
t
i
B0
2
t
i
B
w
e
k
S
I
C
P
o
t
6
6
V
3
5
t
i
B0
1
t
i
B
w
e
k
S
I
C
P
o
t
6
6
V
3
4
t
i
B1
0
t
i
B
w
e
k
S
I
C
P
o
t
6
6
V
3
3
t
i
B0
)
d
e
v
r
e
s
e
R
(
2
t
i
B0
)
d
e
v
r
e
s
e
R
(
1
t
i
B0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
)
d
e
v
r
e
s
e
R
(
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B0
k
a
e
W
=
1
,
l
a
m
r
o
N
=
0
F
E
R
5
t
i
B0
k
a
e
W
=
1
,
l
a
m
r
o
N
=
0
z
h
M
8
4
,
4
2
4
t
i
B0
)
d
e
v
r
e
s
e
R
(
3
t
i
B0
k
a
e
W
=
1
,
l
a
m
r
o
N
=
0
I
C
P
2
t
i
B0
k
a
e
W
=
1
,
l
a
m
r
o
N
=
0
6
6
V
3
1
t
i
B0
k
a
e
W
=
1
,
l
a
m
r
o
N
=
0
M
A
R
D
S
0
t
i
B0
)
d
e
v
r
e
s
e
R
(
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
0)
d
e
v
r
e
s
e
R
(
6
t
i
B
0)
d
e
v
r
e
s
e
R
(
5
t
i
B
0)
d
e
v
r
e
s
e
R
(
4
t
i
B
0)
d
e
v
r
e
s
e
R
(
3
t
i
B
03
t
i
B
w
e
k
S
C
I
P
A
O
I
o
t
6
6
V
3
2
t
i
B
12
t
i
B
w
e
k
S
C
I
P
A
O
I
o
t
6
6
V
3
1
t
i
B
11
t
i
B
w
e
k
S
C
I
P
A
O
I
o
t
6
6
V
3
0
t
i
B
10
t
i
B
w
e
k
S
C
I
P
A
O
I
o
t
6
6
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com