Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS94201 Datasheet HTML 9Page - Renesas Technology Corp ICS94201 Datasheet HTML 10Page - Renesas Technology Corp ICS94201 Datasheet HTML 11Page - Renesas Technology Corp ICS94201 Datasheet HTML 12Page - Renesas Technology Corp ICS94201 Datasheet HTML 13Page - Renesas Technology Corp ICS94201 Datasheet HTML 14Page - Renesas Technology Corp ICS94201 Datasheet HTML 15Page - Renesas Technology Corp ICS94201 Datasheet HTML 16Page - Renesas Technology Corp ICS94201 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ICS94201
0428B - 11/28/05
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP4B
Vo=VDD*(0.5)
93
Output Impedance
1
RDSN4B
Vo=VDD*(0.5)
930
Output High Voltage
VOH4B
IOH = -5.5 mA
2
V
Output Low Voltage
VOL4B
IOL = 9 mA
0.4
V
VOH@MIN = 1.4 V
-21
VOH@MAX = 2.5V
-36
VOL@MIN = 1.0 V
36
VOL@MAX =0.2V
31
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.2
1.6
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.1
1.6
ns
Duty Cycle
1
dt4B
VT = 1.25 V
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
240
500
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH4B
Output Low Current
IOL4B
Electrical Characteristics - SDRAM
TA = 0 - 70º C; VDD = 3.3 V +/-5%, CL = 20 - 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP3
Vo=VDD*(0.5)
10
24
Output Impedance
1
RDSN3
Vo=VDD*(0.5)
10
24
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.4
V
VOH@MIN = 2 V
-46
VOH@MAX = 3.135V
-54
VOL@MIN = 1 V
54
VOL@MAX =0.4V
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
0.9
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
0.8
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
49
55
%
Skew
1
tsk3
VT = 1.5 V
100
250
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc3
VT = 1.5 V
350
500
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH3
Output Low Current
IOL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com