Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS94201 Datasheet HTML 4Page - Renesas Technology Corp ICS94201 Datasheet HTML 5Page - Renesas Technology Corp ICS94201 Datasheet HTML 6Page - Renesas Technology Corp ICS94201 Datasheet HTML 7Page - Renesas Technology Corp ICS94201 Datasheet HTML 8Page - Renesas Technology Corp ICS94201 Datasheet HTML 9Page - Renesas Technology Corp ICS94201 Datasheet HTML 10Page - Renesas Technology Corp ICS94201 Datasheet HTML 11Page - Renesas Technology Corp ICS94201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
ICS94201
0428B - 11/28/05
Byte 13: ICS Reserved Register
Byte 15: VCO Frequency Control Register
Note: The decimal representation of these 9 bits (Byte 15 bit
[7:0] & Byte 14 bit [7] ) + 8 is equal to the VCO divider value.
For example if VCO divider value of 36 is desired, user need
to program 36 - 8 = 28, namely, 0, 00011100 into byte 15 bit
& byte 14 bit 7.
Note: DON'T write a '1' into this register, it will
cause malfunction.
Byte 14: VCO Frequency Control Register
Note: The decimal representation of these 7 bits (Byte 14
[6:0]) + 2 is equal to the REF divider value .
To program the VCO frequency for over-clocking.
0. Before trying to program our clock manually, consider using ICS provided software utilities for easy programming.
1. Select the frequency you want to over-clock from with the desired gear ratio (i.e. CPU:SDRAM:3V66:PCI ratio) by writing to
byte 0, or using initial hardware power up frequency.
2. Write 0001, 1001 (19H) to byte 6 for readback of 25 bytes (byte 0-24).
3. Read back byte 16-24 and copy values in these registers.
4. Re-initialize the write sequence.
5. Write a '1' to byte 8 bit 7 indicating you want to use byte 14 and 15 to control the VCO frequency.
6. Write to byte 14 & 15 with the desired VCO & REF divider values.
7. Write to byte 16 to 24 with the values you copy from step 3. This maintains the output divider mux controls the same gear ratio.
8. The above procedure is only needed when changing the VCO for the 1st pass. If VCO frequency needs to be changed again,
user only needs to write to byte 14 and 15 unless the system is to reboot.
VCO Programming Constrains
VCO Frequency ...................... 150MHz to 500MHz
VCO Divider Range ................ 8 to 519
REF Divider Range ................. 2 to 129
Phase Detector Stability .......... 0.3536 to 1.4142
Useful Formula
VCO Frequency = 14.31818 x VCO/REF divider value
Phase Detector Stabiliy = 14.038 x (VCO divider value)
-0.5
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
8
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
BX
7
t
i
B
r
e
d
i
v
i
D
O
C
V
5
t
i
BX
6
t
i
B
r
e
d
i
v
i
D
O
C
V
4
t
i
BX
5
t
i
B
r
e
d
i
v
i
D
O
C
V
3
t
i
BX
4
t
i
B
r
e
d
i
v
i
D
O
C
V
2
t
i
BX
3
t
i
B
r
e
d
i
v
i
D
O
C
V
1
t
i
BX
2
t
i
B
r
e
d
i
v
i
D
O
C
V
0
t
i
BX
1
t
i
B
r
e
d
i
v
i
D
O
C
V
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B0
)
d
e
v
r
e
s
e
R
(
5
t
i
B0
)
d
e
v
r
e
s
e
R
(
4
t
i
B0
t
c
e
l
e
s
e
s
a
b
r
e
m
i
t
0
W
s
m
0
8
5
=
0
s
m
2
=
1
3
t
i
B0
)
d
e
v
r
e
s
e
R
(
2
t
i
B0
)
d
e
v
r
e
s
e
R
(
1
t
i
B0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
)
d
e
v
r
e
s
e
R
(
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
0
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
BX
6
t
i
B
r
e
d
i
v
i
D
F
E
R
5
t
i
BX
5
t
i
B
r
e
d
i
v
i
D
F
E
R
4
t
i
BX
4
t
i
B
r
e
d
i
v
i
D
F
E
R
3
t
i
BX
3
t
i
B
r
e
d
i
v
i
D
F
E
R
2
t
i
BX
2
t
i
B
r
e
d
i
v
i
D
F
E
R
1
t
i
BX
1
t
i
B
r
e
d
i
v
i
D
F
E
R
0
t
i
BX
0
t
i
B
r
e
d
i
v
i
D
F
E
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com