Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS94201 Datasheet HTML 8Page - Renesas Technology Corp ICS94201 Datasheet HTML 9Page - Renesas Technology Corp ICS94201 Datasheet HTML 10Page - Renesas Technology Corp ICS94201 Datasheet HTML 11Page - Renesas Technology Corp ICS94201 Datasheet HTML 12Page - Renesas Technology Corp ICS94201 Datasheet HTML 13Page - Renesas Technology Corp ICS94201 Datasheet HTML 14Page - Renesas Technology Corp ICS94201 Datasheet HTML 15Page - Renesas Technology Corp ICS94201 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
ICS94201
0428B - 11/28/05
Electrical Characteristics - CPU
TA = 0 - 70º C; VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
Vo=VDD*(0.5)
13.5
15
45
Ω
Output Impedance
1
RDSN2B
Vo=VDD*(0.5)
13.5
16.5
45
Ω
Output High Voltage
VOH2B
IOH = -1 mA
2
2.48
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.04
0.4
V
VOH@MIN = 1 V
-60
-27
VOH@MAX = 2.375V
-27
-7
VOL@MIN = 1.2 V
27
63
VOL@MAX =0.3V
20
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
50
55
%
Skew
1
tsk2B
VT = 1.25 V
30
175
ps
VT = 1.25 V, CPU 66, SDRAM 100
300
350
CPU 100, SDRAM 100
240
250
CPU 133, SDRAM 100
400
500
CPU 133, SDRAM 133
300
350
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
ps
mA
mA
Output High Current
IOH2B
Output Low Current
IOL2B
Electrical Characteristics - 3V66
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP1
VO = VDD*(0.5)
12
55
Ω
Output Impedance
1
RDSN1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
VOH @ MIN = 1.0 V
-33
VOH @ MAX = 3.135 V
-33
VOL @ MIN = 1.95 V
30
VOL @ MAX = 0.4 V
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.4
1
1.6
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.4
0.9
1.6
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
49
55
%
Skew
1
tsk1
VT = 1.5 V
35
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
220
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
Output Low Current
mA
mA
IOH1
IOL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com