Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS94201 Datasheet HTML 7Page - Renesas Technology Corp ICS94201 Datasheet HTML 8Page - Renesas Technology Corp ICS94201 Datasheet HTML 9Page - Renesas Technology Corp ICS94201 Datasheet HTML 10Page - Renesas Technology Corp ICS94201 Datasheet HTML 11Page - Renesas Technology Corp ICS94201 Datasheet HTML 12Page - Renesas Technology Corp ICS94201 Datasheet HTML 13Page - Renesas Technology Corp ICS94201 Datasheet HTML 14Page - Renesas Technology Corp ICS94201 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ICS94201
0428B - 11/28/05
Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Group Timing Relationship Table
1
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
µA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
CL = max cap loads;
CPU=66-133 MHz, SDRAM=100 MHz
334
350
CPU=133 MHz, SDRAM=133 MHz
465
500
IDD2.5OP
CL = max cap loads;
20
70
Powerdown Current
IDD3.3PD
CL = 0 pF; Input address to VDD or GND
280
600
µA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3
ms
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
tPHZ,tPLZ
Output disable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
Delay
1
Input Capacitance
1
Input Low Current
µA
IDD3.3OP
Operating Supply
Current
mA
Offset
Tolerance
Offset
Tolerance
Offset
Tolerance
Offset
Tolerance
CPU to SDRAM
2.5 ns
500 ps
5.0 ns
500 ps
0.0 ns
500 ps
3.75 ns
500 ps
CPU to 3V66
7.5 ns
500 ps
5.0 ns
500 ps
0.0 ns
500 ps
0.0 ns
500 ps
SDRAM to 3V66
0.0 ns
500 ps
0.0 ns
500 ps
0.0 ns
500 ps
3.75 ns
500 ps
3V66 to PCI
1.5-3.5ns
500 ps
1.5-3.5ns
500 ps
1.5-3.5ns
500 ps
1.5-3.5ns
500 ps
PCI to IOAPIC
0.0 ns
1.0 ns
0.0 ns
1.0 ns
0.0 ns
1.0 ns
0.0 ns
1.0 ns
USB & DOT
Asynch
N/A
Asynch
N/A
Asynch
N/A
Asynch
N/A
1Guaranteed by design, not 100% tested in production.
Group
SDRAM 100 MHz
SDRAM 100 MHz
SDRAM 100 MHz
SDRAM 133 MHz
CPU 66 MHz
CPU 100 MHz
CPU 133 MHz
CPU 133 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com