Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet (PDF) - Integrated Circuit Systems

ICS94201 Datasheet PDF - Integrated Circuit Systems
Part # ICS94201
Download  ICS94201 Download
File Size   358.42 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable System Frequency Generator for PII/III?

ICS94201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS94201 Datasheet PDF - Integrated Circuit Systems

Part # ICS94201
Download  ICS94201 Click to download

File Size   358.42 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Programmable System Frequency Generator for PII/III?

ICS94201 Datasheet (HTML) - Integrated Circuit Systems


ICS94201 Product details

General Description
The ICS94201 is a single chip clock solution for desktop designs using the 810/810E and Solano style chipset. It provides all necessary clock signals for such a system.
The ICS94201 belongs to ICS new generation of programmable system clock generators. It employs serial programming I2C interface as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/enabling individual clocks. This device also has ICS propriety Watchdog Timer technology which will reset the frequency to a safe setting if the system become unstable from over clocking.
Spread spectrum typically reduces system EMI by 7dB to 8dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding.

Output Features:
• 2 - CPUs @ 2.5V
• 13 - SDRAM @ 3.3V
• 3 - 3V66 @ 3.3V
• 8 - PCI @3.3V
• 1 - 24/48MHz@ 3.3V
• 1 - 48MHz @ 3.3V fixed
• 1 - REF @3.3V, 14.318MHz

Features:
• Programmable ouput frequency.
• Programmable ouput rise/fall time for PCI and SDRAM clocks.
• Programmable 3V66 to PCI skew.
• Spread spectrum for EMI control with programmable spread percentage.
• Watchdog timer technology to reset system if over-clocking causes malfunction.
• Support power management through PD#.
• Uses external 14.318MHz crystal.
• FS pins for frequency select

Recommended Application:
   810/810E and Solano (815) type chipset




Similar Part No. - ICS94201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94201YFLFT RENESAS-ICS94201YFLFT Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
More results


Similar Description - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9250-32 ICST-ICS9250-32 Datasheet
447Kb / 11P
Frequency Generator & Integrated Buffers for PII/III?
Rev B 9/7/00
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com