Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94201 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS94201 Datasheet HTML 1Page - Integrated Circuit Systems ICS94201 Datasheet HTML 2Page - Integrated Circuit Systems ICS94201 Datasheet HTML 3Page - Integrated Circuit Systems ICS94201 Datasheet HTML 4Page - Integrated Circuit Systems ICS94201 Datasheet HTML 5Page - Integrated Circuit Systems ICS94201 Datasheet HTML 6Page - Integrated Circuit Systems ICS94201 Datasheet HTML 7Page - Integrated Circuit Systems ICS94201 Datasheet HTML 8Page - Integrated Circuit Systems ICS94201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
ICS94201
Notes:
1.
The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for
verification. Readback will support standard SMBUS controller protocol. The number of bytes to read back is defined
by writing to byte 6.
2.
When writing to bytes 14 - 15, bytes 16 - 17 and bytes 18 - 20, they must be written as a set. If for example, only byte
14 is written but not 15, neither byte 14 or 15 will load into the receiver.
3.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
4.
The input is operating at 3.3V logic levels.
5.
The data byte format is 8-bit bytes.
6.
To simplify the clock generator I2C interface, the protocol is set to use only Block-Writes from the controller. The bytes
must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has
been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two
bytes. The data is loaded until a Stop sequence is issued.
7.
At power-on, all registers are set to a default condition, as shown.
Register Name
Byte
Description
Pwd Default
Functionality & Frequency Select
Register
0
Output frequency, hardware / I2C frequency
select, spread spectrum & output enable
control register.
See individual byte
des cription
Output Control Registers
1-5
Active / inactive output control registers.
See individual byte
des cription
Byte Count Read Back Register
6
W riting to this register will configure byte
count and how many byte will be read back.
Do not write 00H to this byte.
06H
Latched Inputs Read Back
Register
7
The inverse of the latched inputs level could
be read back from this register.
See individual byte
des cription
W atchdog Control Registers
8 Bit[6:0]
W atchdog enable, watchdog status and
programmable 'safe' frequency' can be
configured in this register.
000,0000
VCO Control Selection Bit
8 Bit[7]
This bit selects whether the output
frequency is controled by hardware/byte 0
configurations or byte 14&15 programming.
0
W atchdog Timer Count Register
9
W riting to this register will configure the
number of seconds for the watchdog timer
to reset.
FFH
ICS Reserved Register
10
This is an unused register. W riting to this
register will not affect device functionality.
00H
Device ID, Vendor ID & Revision ID
Registers
11-12
Byte 11 bit[3:0] is ICS vendor id - 0001.
Other bits in these 2 registers designate
device revision ID of this part.
See individual byte
des cription
ICS Reserved Register
13
Don't write into this register, writing 1's will
cause malfunction.
00H
VCO Frequency Control Registers
14-15
These registers control the dividers ratio
into the phase detector and thus control the
VCO output frequency.
Depend on
hardware/byte 0
configuration
Spread Spectrum Control
Registers
16-17
These registers control the spread
percentage amount.
Depend on
hardware/byte 0
configuration
Output Dividers Control Registers
18-20
Changing bits in these registers result in
frequency divider ratio changes. Incorrect
configuration of group output divider ratio
can cause system malfunction.
Depend on
hardware/byte 0
configuration
Group Skews Control Registers
21-23
Increment or decrement the group skew
amount as compared to the initial skew.
See individual byte
des cription
Output Rise/Fall Time Select
Registers
24
These registers will control the group rise
and fall time.
See individual byte
des cription
Brief I
2C registers description for ICS94201
Programmable System Frequency Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com