Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94201 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS94201 Datasheet HTML 1Page - Integrated Circuit Systems ICS94201 Datasheet HTML 2Page - Integrated Circuit Systems ICS94201 Datasheet HTML 3Page - Integrated Circuit Systems ICS94201 Datasheet HTML 4Page - Integrated Circuit Systems ICS94201 Datasheet HTML 5Page - Integrated Circuit Systems ICS94201 Datasheet HTML 6Page - Integrated Circuit Systems ICS94201 Datasheet HTML 7Page - Integrated Circuit Systems ICS94201 Datasheet HTML 8Page - Integrated Circuit Systems ICS94201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
ICS94201
General Description
Pin Configuration
The ICS94201 is a single chip clock solution for desktop designs using the 810/810E and Solano style chipset. It provides all necessary
clock signals for such a system.
The ICS94201 belongs to ICS new generation of programmable system clock generators. It employs serial programming I2C interface
as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew,
changing spread spectrum amount, changing group divider ratio and dis/enabling individual clocks. This device also has ICS
propriety 'Watchdog Timer' technology which will reset the frequency to a safe setting if the system become unstable from over
clocking.
Spread spectrum typically reduces system EMI by 7dB to 8dB. This simplifies EMI qualification without resorting to board design
iterations or costly shielding.
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
5
2
,
8
1
,
0
1
,
9
,
1
5
4
,
7
3
,
3
3
,
2
3
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
21
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
32
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
ll
a
n
i
m
o
n
,t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
1
2
,
4
1
,
5
,
4
,
6
3
,
9
2
,
8
2
9
4
,
1
4
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
6
,
7
,
8]
0
:
2
[
6
6
V
3T
U
OB
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
6
6
d
e
x
i
F
V
3
.
3
1
1
0
K
L
C
I
C
P
1
T
U
Os
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
ti
w
,t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
0
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
2
1
1
K
L
C
I
C
P
1
T
U
Os
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
ti
w
,t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
1
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
3
1
#
8
4
_
4
2
_
L
E
SN
I.
t
u
p
t
u
o
t
c
e
l
e
s
o
t
t
u
p
n
i
c
i
g
o
L
2
K
L
C
I
C
P
1
T
U
Os
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
ti
w
,t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
,
7
1
,
9
1
,
0
2
5
1
,
6
1
]
3
:
7
[
K
L
C
I
C
PT
U
Os
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
ti
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
2
2#
D
PN
I
a
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
it
c
a
s
u
o
n
o
r
h
c
n
y
s
A
e
h
t
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
r
e
t
a
e
r
g
e
b
t
o
n
ll
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
.
s
m
3
n
a
h
t
3
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
4
2A
T
A
D
ST
U
OI
r
o
f
t
u
p
n
i
a
t
a
D
2
.t
u
p
n
i
l
a
i
r
e
s
C
4
3
3
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4T
U
OB
S
U
r
o
f
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
5
3
2
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4
_
4
2T
U
O.
z
H
M
4
2
s
i
tl
u
a
f
e
d
,
3
1
n
i
p
h
g
u
o
r
h
t
e
l
b
a
t
c
e
l
e
s
,t
u
p
t
u
o
z
H
M
8
4
_
4
2
V
3
.
3
8
3F
_
M
A
R
D
ST
U
OI
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
n
a
c
t
u
p
t
u
o
M
A
R
D
S
V
3
.
3
2
C
,
4
4
,
6
4
,
7
4
,
8
4
,
9
3
,
0
4
,
2
4
,
3
4
6
2
,
7
2
,
0
3
,
1
3
]
0
:
1
1
[
M
A
R
D
ST
U
OI
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
ll
A
.t
u
p
t
u
o
V
3
.
3
2
C
0
5L
D
N
GR
W
PC
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
2
5
,
1
5]
0
:
1
[
K
L
C
U
P
CT
U
O.
s
n
i
p
S
F
m
o
r
f
d
e
v
i
r
e
d
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
.t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
5
5
,
3
5L
D
D
VR
W
PC
I
P
A
O
I
,
U
P
C
r
o
f
y
l
p
p
y
u
s
r
e
w
o
p
V
5
.
2
4
5C
I
P
A
O
IT
U
O.
z
H
M
7
6
.
6
1
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
6
5
4
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
0
F
E
R
1
T
U
O.t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com