Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94201 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94201 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS94201 Datasheet HTML 3Page - Integrated Circuit Systems ICS94201 Datasheet HTML 4Page - Integrated Circuit Systems ICS94201 Datasheet HTML 5Page - Integrated Circuit Systems ICS94201 Datasheet HTML 6Page - Integrated Circuit Systems ICS94201 Datasheet HTML 7Page - Integrated Circuit Systems ICS94201 Datasheet HTML 8Page - Integrated Circuit Systems ICS94201 Datasheet HTML 9Page - Integrated Circuit Systems ICS94201 Datasheet HTML 10Page - Integrated Circuit Systems ICS94201 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
ICS94201
Byte 7: Latch Inputs Readback Register
Byte 9: Watchdog Timer Count Register
Byte 8: VCO Control Selection Bit &
Watchdog Timer Control Register
Byte 10: ICS Reserved Register
Byte 11: Vender ID & Device ID Register
Byte 12: Revision ID Register
Note: FS values in bit [0:4] will correspond to Byte 0 FS
values. Default safe frequency is same as 00000 entry in
byte0.
Note: This is an unused register. Writing to this register will
not affect device performance or functionality.
Note: ICS Vendor ID is 0001 as in Number 1 in
frequency generation.
Notes:
1. PWD = Power on Default
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
q
e
r
f
5
1
&
4
1
B
=
1
/
q
e
r
f
0
B
/
w
H
=
0
6
t
i
B0
e
l
b
a
n
e
=
1
/
e
l
b
a
s
i
d
=
0
e
l
b
a
n
E
D
W
5
t
i
B0
m
r
a
l
a
=
1
/
l
a
m
r
o
n
=
0
s
u
t
a
t
S
D
W
4
t
i
B0
4
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
3
t
i
B0
3
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
2
t
i
B0
2
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
1
t
i
B0
1
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
0
t
i
B0
0
S
F
,
y
c
n
e
u
q
e
r
F
e
f
a
S
D
W
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B0
)
d
e
v
r
e
s
e
R
(
5
t
i
B0
)
d
e
v
r
e
s
e
R
(
4
t
i
B0
)
d
e
v
r
e
s
e
R
(
3
t
i
B0
)
d
e
v
r
e
s
e
R
(
2
t
i
B0
)
d
e
v
r
e
s
e
R
(
1
t
i
B0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
)
d
e
v
r
e
s
e
R
(
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
D
I
n
o
i
s
i
v
e
R
6
t
i
BX
D
I
n
o
i
s
i
v
e
R
5
t
i
BX
D
I
n
o
i
s
i
v
e
R
4
t
i
BX
D
I
n
o
i
s
i
v
e
R
3
t
i
BX
D
I
e
c
i
v
e
D
2
t
i
BX
D
I
e
c
i
v
e
D
1
t
i
BX
D
I
e
c
i
v
e
D
0
t
i
BX
D
I
e
c
i
v
e
D
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B0
)
d
e
v
r
e
s
e
R
(
5
t
i
B0
)
d
e
v
r
e
s
e
R
(
4
t
i
BX
#
4
S
F
3
t
i
BX
#
3
S
F
2
t
i
BX
#
2
S
F
1
t
i
BX
#
1
S
F
0
t
i
BX
#
0
S
F
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
e
s
e
h
t
f
o
n
o
i
t
a
t
n
e
s
e
r
p
e
r
l
a
m
i
c
e
d
e
h
T
s
m
2
r
o
s
m
0
8
5
o
t
d
n
o
p
s
e
r
r
o
c
s
t
i
b
8
e
h
t
)
4
t
i
b
3
1
e
t
y
b
y
b
e
l
b
a
t
c
e
l
e
s
(
t
i
e
r
o
f
e
b
t
i
a
w
l
l
i
w
r
e
m
i
t
g
o
d
h
c
t
a
w
e
h
t
t
e
s
e
r
d
n
a
e
d
o
m
m
r
a
l
a
o
t
s
e
o
g
t
l
u
a
f
e
D
.
g
n
i
t
t
e
s
e
f
a
s
e
h
t
o
t
y
c
n
e
u
q
e
r
f
8
4
1
=
s
m
0
8
5
X
6
5
2
s
i
p
u
r
e
w
o
p
t
a
s
d
n
o
c
e
s
6
t
i
B1
5
t
i
B1
4
t
i
B1
3
t
i
B1
2
t
i
B1
1
t
i
B1
0
t
i
B1
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
D
I
e
c
i
v
e
D
6
t
i
BX
D
I
e
c
i
v
e
D
5
t
i
BX
D
I
e
c
i
v
e
D
4
t
i
BX
D
I
e
c
i
v
e
D
3
t
i
B0
D
I
r
o
d
n
e
V
2
t
i
B0
D
I
r
o
d
n
e
V
1
t
i
B0
D
I
r
o
d
n
e
V
0
t
i
B1
D
I
r
o
d
n
e
V
Note: Device ID and Revision ID values will be based on
individual device and its revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com