Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-32 Datasheet (PDF) - Integrated Circuit Systems

ICS9250-32 Datasheet PDF - Integrated Circuit Systems
Part # ICS9250-32
Download  ICS9250-32 Download
File Size   447.41 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PII/III?

ICS9250-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-32 Datasheet PDF - Integrated Circuit Systems

Part # ICS9250-32
Download  ICS9250-32 Click to download

File Size   447.41 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PII/III?

ICS9250-32 Datasheet (HTML) - Integrated Circuit Systems


ICS9250-32 Product details

Features:

• Support power management: CPU, PCI, SDRAM stop

from I2C programming.

• Spread spectrum for EMI control (0 to -0.5%)

• Uses external 14.318MHz crystal



Output Features:

• 3 - CPUs @ 2.5V

• 8 - PCI @ 3.3V

• 2 - IOAPIC @ 2.5V

• 1 - MREF @ 2.5V, DRCG memory reference clock

• 9 - SDRAM @ 3.3V including one free running

• 1 - 2V48M @ 2.5V fixed (DOT)

• 1 - 3V48M @ 3.3V fixed (USB)

• 2 - REF @ 3.3V, 14.318MHz.



Recommended Application:

  Timmna Style Chipset



 




Similar Part No. - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-30 ICST-ICS9250-30 Datasheet
274Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
More results


Similar Description - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-112 ICST-ICS9248-112 Datasheet
384Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 2/7/00
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-16 ICST-ICS9250-16 Datasheet
540Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 9/5/00
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com