Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-32 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-32
Description  Frequency Generator & Integrated Buffers for PII/III?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-32 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-32 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICS9250-32
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
Block Diagram
9250-32 Rev B 9/7/00
Recommended Application:
Timna Style Chipset
Output Features:
•
3 - CPUs @ 2.5V
•
8 - PCI @ 3.3V
•
2 - IOAPIC @ 2.5V
•
1 - MREF @ 2.5V, DRCG memory reference clock
•
9 - SDRAM @ 3.3V including one free running
•
1 - 2V48M @ 2.5V fixed (DOT)
•
1 - 3V48M @ 3.3V fixed (USB)
•
2 - REF @ 3.3V, 14.318MHz.
Features:
•
Support power management: CPU, PCI, SDRAM stop
from I
2C programming.
•
Spread spectrum for EMI control (0 to -0.5%)
•
Uses external 14.318MHz crystal
Key Specifications:
•
CPU Output Jitter (Cyc-Cyc): <175ps
•
IOAPIC Output Jitter (Cyc-Cyc): <500ps
•
MREF Output Jitter (Cyc-Cyc): <250ps
•
2V48M Output Jitter (Cyc-Cyc): <250ps
•
3V48M Output Jitter (Cyc-Cyc): <500ps
•
CPU - CPU: < 175ps
•
SDRAM - SDRAM < 250ps
•
PCI - PCI: < 500ps
•
IOAPIC - IOAPIC: < 250ps
•
BUFFER_IN to SDRAM prop delay: 5.5 to 7.5ns
Functionality
Pin Configuration
56-Pin 300mil SSOP
* These inputs have a 50K pull up to VDD.
Frequency Generator & Integrated Buffers for PII/III™
2V48M
3V48M
VDD48
GND48
X1
X2
GND
*(CPU2_EN#)REF0
REF1
VDD
PCICLK0
PCICLK1
GNDPCI
VDDPCI
PCICLK2
PCICLK3
PCICLK4
PCICLK5
VDDPCI
GNDPCI
PCICLK6
PCICLK7
SCLK
VDDA
GNDA
SDATA
BUF_IN
*FS0
VDDLIOAPIC
IOAPIC0
IOAPIC1
GNDLIOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
VDDLCPU
GNDLCPU
CPUCLK2
MREF66
VDD
SDRAM_F
SDRAM0
VDDSDR
GNDSDR
SDRAM1
SDRAM2
SDRAM3
GNDSDR
VDDSDR
SDRAM4
SDRAM5
VDDSDR
GNDSDR
SDRAM6
SDRAM7
FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL2
PLL1
Spread
Spectrum
3V48M
2V48M
CPUCLK (2:0)
SDRAM (7:0)
IOAPIC (1:0)
PCICLK (7:0)
8
8
3
2
2
SDRAM_F
MREF66
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
REF (1:0)
CPU_EN#
BUF_IN
SDATA
SCLK
FS (1:0)
Control
Logic
Config.
Reg.
1
S
F0
S
F
d
e
h
c
t
a
L
p
u
r
e
w
o
P
#
N
E
_
2
U
P
C
/
1
F
E
R
0
U
P
C
,
1
U
P
C
F
E
R
M
2
U
P
C
11
1
z
H
M
6
6e
t
a
t
s
i
r
T
11
0
z
H
M
6
6z
H
M
6
6
10
X
2
/
K
L
C
T2
/
K
L
C
T
01
X
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
00
X
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
Power Groups
VDD = REF, X1, X2
VDDPCI = PCICLK
VDDSDR = SDRAM
VDD48 = 3V48M
VDDLCPU = CPU
VDDLIOAPIC = IOAPIC, 2V48M
VDDA = PLL Core
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-30 ICST-ICS9250-30 Datasheet
274Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-112 ICST-ICS9248-112 Datasheet
384Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 2/7/00
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-16 ICST-ICS9250-16 Datasheet
540Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 9/5/00
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com