Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-96 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-96 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-96
Download  ICS9248-96 Download
File Size   196.52 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9248-96 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-96 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-96
Download  ICS9248-96 Click to download

File Size   196.52 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9248-96 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-96 Product details

General Description
The ICS9248-96 is the single chip clock solution for designs using the 810/810E style chipset. It provides all necessary clock signal for such a system.

Output Features:
• 2- CPUs @ 2.5V, up to 155MHz.
• 9 - SDRAM @ 3.3V, up to 155MHz including 1 free running
• 8 - PCICLK @ 3.3V
• 1 - IOAPIC @ 2.5V,
• 2 - 3V66MHz @ 3.3V, 2X PCI MHz
• 2 - 48MHz, @ 3.3V fixed.
• 1 - 24/48MHz, @3.3V selectable by I2C
• 1 - REF @v3.3V, 14.318MHz.

Features:
• Up to 157MHz frequency support
• Support FS0-FS3 strapping status bit for I2C read back.
• Support power management: Through Power down Mode from I2C programming.
• Spread spectrum for EMI control ( ± 0.25% center).
• Uses external 14.318MHz crystal

Recommended Application:
   810/810E type chipset.




Similar Part No. - ICS9248-96

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-90 ICST-ICS9248-90 Datasheet
281Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 4/19/00
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
Mobile Pentium IITM System Clock Chip
Rev E 02/21/01
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
More results


Similar Description - ICS9248-96

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com