Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-96 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-96
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-96 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-96 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9248-96
0311D—04/23/04
General Description
Pin Configuration
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
FREQ_IOAPIC
IN
If FREQ_APIC = 0, APIC Clock = PCICLK
If FREQ_APIC = 1, APIC Clock = PCICLK/2 (default)
REF0
OUT
14.318 MHz reference clock.
2, 9, 10, 18, 25,
30, 38
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers,
reference output buffers and 48MHz output
3
X1
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output, nominally 14.318MHz.
5, 6, 14, 21, 29,
34, 42
GND
PWR
Ground pin for 3V outputs.
8, 7
3V66 [1:0]
OUT
3.3V Clocks
FS0
IN
Frequency select pin.
PCICLK0
OUT
PCI clock output
FS1
IN
Frequency select pin.
PCICLK1
OUT
PCI clock output
SEL24_48MHz#
IN
Logic inputs frequency select I/O/USB output,
When a "0" is latched, output frequency = 48MHz
When a "1" is latched, output frequency = 24MHz
PCICLK2
OUT
PCI clock output
20, 19, 17, 16, 15
PCICLK [7:3]
OUT
PCI clock outputs.
22
PD#
IN
Asynchronous active low input pin used to power down the device
into a low power state. The internal clocks are disabled and the
VCO and the crystal are stopped. The latency of the power down will
not be greater than 3ms.
23
SCLK
IN
Clock input of I2C input, 5V tolerant input
24
SDATA
IN
Data input for I2C serial input, 5V tolerant input
FS3
IN
Frequency select pin.
48MHz_0
OUT
48MHz output clocks
27
48MHz_1
OUT
48MHz output clocks
FS2
IN
Frequency select pin.
24_48MHz
OUT
24 or 48MHz output
31
SDRAM_F
OUT
Free running SDRAM - used for feed back to chipset, should remain
on always.
32, 33, 35, 36, 37,
39, 40, 41,
SDRAM [7:0]
OUT
SDRAM clock outputs
43
GNDLCPU
PWR
Ground pin for the CPU clocks.
44, 45
CPUCLK [1:0]
OUT
CPU clock outputs.
46
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
47
IOAPIC
OUT
2.5V clock output
48
VDDLAPIC
PWR
Power pin for the IOAPIC. 2.5V
1
26
28
11
12
13
Power Groups
GNDREF, VDDREF = REF0, X1, X2
GNDPCI , VDDPCI = PCICLK [9:0]
GNDSDR, VDDSDR = SDRAM [7:0], SDRAM_F,
supply for PLL core
GND3V66 , VDD3V66 = 3V66
GND48 , VDD48 = 48MHz, 24_48MHz,
VDDLAPIC = IOAPIC
GNDLCPU , VDDLCPU = CPUCLK [1:0]
ICS9248-96 is the single chip clock solution for designs
using the 810/810E style chipset. It provides all necessary
clock signals for such a system.
Spread spectrum may be enabled through I
2C
programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting
to board design iterations or costly shielding.The ICS9248-
96 employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions,
stop clock programming and frequency selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com