Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-32 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9250-32
Description  Frequency Generator & Integrated Buffers for PII/III?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-32 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9250-32 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9250-32
Third party brands and names are the property of their respective owners.
Functionality
The ICS9250-32 is the single chip clock solution for Desktop designs. It provides all necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB.
This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-32 employs a
proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.
Serial programming I2C interface allows changing functions, stop clock programming and frequency selection.
General Description
Pin Configuration
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
2V48M
OUT
48MHz output clock 2.5V (DOT) clock
2
3V48M
OUT
48MHz output clock 3.3V (USB) clock
3, 10, 14, 19, 24,
33, 36, 42, 45
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers,
reference output buffers and 3V48 output
4, 7, 13, 20, 25,
32, 37, 41, 48, 53
GND
PWR
Ground pins
5
X1
IN
Crystal input,nominally 14.318MHz.
6
X2
OUT
Crystal output, nominally 14.318MHz.
CPU2_EN#
IN
Disables CPU2 when pulled high (default)
Enables CPU2 when pulled Low
REF0
OUT
14.318 MHz reference clock.
9
REF1
OUT
14.318 MHz reference clock.
22, 21, 18, 17, 16,
15, 12, 11
PCICLK (7:0)
OUT
PCI clock outputs.
23
SCLK
IN
Clock pin of I
2
C circuitry 5V tolerant
26
SDATA
I/O
Data pin for I
2
C circuitry 5V tolerant
27
BUF_IN
IN
Input to fan out buffer for SDRAM
28
FS0
IN
Frequency select pin.
29
FS1
IN
Frequency select pin.
30, 31, 34, 35, 38,
39, 40, 43
SDRAM (7:0)
OUT
SDRAM clock outputs
44
SDRAM_F
OUT
SDRAM clock output free running not affected by I
2
C
46
MREF66
OUT
DRCG reference memory 2.5V 66MHz
49, 52, 56
VDDL
PWR
Power pins for CPUCLKs, and IOAPIC clocks. 2.5V
47, 50, 51
CPUCLK (2:0)
OUT
2.5V CPU clock outputs.
54, 55
IOAPIC (1:0)
OUT
2.5V IOAPIC clock outputs
8
1
S
F0
S
F
d
e
h
c
t
a
L
p
u
r
e
w
o
P
#
N
E
_
2
U
P
C
/
1
F
E
R
0
U
P
C
F
E
R
M
,
1
U
P
C
2
U
P
C
M
A
R
D
S
]
7
:
0
[
:
8
4
V
2
8
4
V
3
I
C
PF
E
RC
I
P
A
O
I
11
1
z
H
M
6
6e
t
a
t
s
i
r
TN
I
_
F
U
Bz
H
M
8
4z
H
M
3
3z
H
M
8
1
3
.
4
1z
H
M
3
3
11
0
z
H
M
6
6z
H
M
6
6N
I
_
F
U
Bz
H
M
8
4z
H
M
3
3z
H
M
8
1
3
.
4
1z
H
M
3
3
10
X
2
/
K
L
C
T2
/
K
L
C
TN
I
_
F
U
B2
/
K
L
C
T4
/
K
L
C
TK
L
C
T4
/
K
L
C
T
01
X
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
00
X
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com